PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N2915 2N2913 2N2917 2N2915CECC 2N2913CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TE Connectivity, Ltd.
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
BC548ABC BC547ABC ON0152 BC546 BC548C BC548 BC546B |
Amplifier Transistor NPN From old datasheet system CASE 29-04, STYLE 17 TO-2 (TO-226AA) Amplifier Transistors(NPN Silicon) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|