PART |
Description |
Maker |
ACT-5271PC ACT-5271PC-150F24C ACT-5271PC-200F24C A |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% CAPACITOR, 10PF CERAMIC CAP .1UF 275VAC INTER SUPP X2 ACT5271 64-Bit Superscaler Microprocessor ACT5271 64位微处理器Superscaler
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|
LC662304A LC66E5316 LC66P5316 LC662104A LC662106A |
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
LQG15HN10NJ02D LQG15HN18NJ02D LQG15HN15NJ02J LQG15 |
Chip Inductor (Chip Coil) for High Frequency Multilayer Type 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP COILS, 82NH / 150MA Chip Inductor (Chip Coil) for High Frequency Multilayer Type
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
CPD25 |
Chip Form: RECTIFIER CHIP Fast Recovery Rectifier 3 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CPD07 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CHF5KP30A CHF5KP50A CHF5KP110CA MSC0997 CHF5KP65A |
Patented Flip Chip Series FLIP CHIP TVS DIODES From old datasheet system Transient Voltage Suppressor 瞬态电压抑制器 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE FLIP CHIP-2
|
MICROSEMI[Microsemi Corporation] Atmel, Corp. Microsemi, Corp. Vishay Intertechnology, Inc.
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|