PART |
Description |
Maker |
2-34166-1 10054 8-34166-4 8-34166-1 |
TERMINAL, SPADE, PLASTI GRIP
|
Tyco Electronics
|
2-34162-1 2-34162-2 2-34162-3 8-34162-1 8-34162-5 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
Tyco Electronics
|
34853 2-34853-1 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
Electronic Theatre Controls, Inc.
|
2-130014-1 |
PLASTI-GRIP TERMINAL WIRE SIZE : 22-16 AWG
|
Tyco Electronics
|
52963-4 52963-3 52963-2 52963-1 |
TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG
|
Tyco Electronics
|
68207-1 68208-1 1-307275-7 1-307275-5 1-307275-0 6 |
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
|
TE Connectivity Ltd
|
0877156006 87715-6006 |
1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76μm (30μ) Gold (Au) Plating, with Plastic Pegs, 1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76楼矛m (30楼矛") Gold (Au) Plating, with Plasti
|
Molex Electronics Ltd.
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|