PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
ADY27IV AL100 AL102 AL103 ASZ17 ASZ15 ASZ16 ASZ18 |
TRANSISTOR | BJT | PNP | 130V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 130V V(BR)CEO | 6A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 26V V(BR)CEO | 4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 600MA I(C) | TO-8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 600MA I(C) | TO-8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 20A I(C) TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 6A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 6A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 6A I(C) | TO-3 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 3.5A I(C) | TO-3 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 3.5AI(丙)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-3 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 3A条一c)| TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 10A I(C) | TO-41 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 10A条一(c)|1 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 8A I(C) | TO-8 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 8A条一(c)| TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-3 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 3A条一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 25A I(C) 晶体管|晶体管|进步党| 60V的五(巴西)总裁|5A一(c
|
Cypress Semiconductor, Corp. Vicor, Corp. Atmel, Corp. Advanced Analogic Technologies, Inc. EPCOS AG
|
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
ZXTD1M832TC ZXTD1M832 ZXTD1M832TA |
MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual PNP Low Sat Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
FFB2227A FMB2227A FMB2227AL99Z FMB2227ANL |
NPN & PNP Complementary Dual Transistor 500 mA, 30 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SA812-M4 2SA812-M5 2SA812-M6 2SA812-M7 M7-TP |
PNP Silicon Epitaxial Transistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components
|