PART |
Description |
Maker |
ASM3P2853A ASM3P2853A_V0.7 ASM3P2853AF-08-ST ASM3P |
Peak EMI Reducing Solution From old datasheet system The el-EMI-nator? Series for Low-Power
|
ALSC[Alliance Semiconductor Corporation]
|
GS500EMI |
GORE-SHIELD? GS500 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is ideally suited for wireless infrastructure and telecommunications applications.
|
List of Unclassifed Manufacturers
|
LX7203-22ISM LX7203-15ISM |
EMI Filter & ESD Protection for Up Stream USB Ports 2 FUNCTIONS, DATA LINE FILTER EMI Filter & ESD Protection for Up Stream USB Ports Integrated EMI Filters and TVS diodes
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PRC200 PRC200150K470M PRC200150K470MR PRC200150K47 |
EMI/RFI T Filter EMI/RFIT-FILTER 电磁干扰/ RFIT滤清
|
California Micro Devices Co... CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
ADM206E ADM213E ADM207E ADM208E ADM211E ADM206EAN |
0.3-6V; 800-1000mW; EMI-EMC-compliant, -15kV ESD protected RS-232 line driver/receiver. For laptop computers, notebook computers, printers, peripherals and modems EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers EMI/EMC Compliant, 5kV Protected, 230kBPS, RS-232 Transceiver with 5 Drivers & 3 Receivers EMI-EMC-Compliant, 15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant, 615 kV ESD Protected, RS-232 Line Driver/Receiver in a 24-Pin SO Package
|
Analog Devices
|
QPI-11LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter 1 FUNCTIONS, 50 V, 7 A, FERRITE CHIP ROHS COMPLIANT, LGA-10
|
Vicor Corporation
|
570-059NF06LL 570-059NF06LR 570-059NF02LL 570-059N |
EMI/RFI TAG Ring垄莽 Backshell EMI/RFI TAG Ring庐 Backshell EMI/RFI TAG Ring? Backshell
|
Glenair, Inc. http://
|
IMIC9701 IMIC9701AYB C9701AYB C9701 |
(C9701) Low EMI Clock Generator Low EMI Clock Generator for Pentium II Systems with Power Management
|
International ETC[ETC] List of Unclassifed Manufacturers
|
EMIF03-SIM02C210 EMIF03-SIM02C2 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
HFCT-5964TG HFCT-5964TL HFCT-5964NG HFCT-5964NL HF |
HFCT-5964ATG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5964ATL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5964NG · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964NL · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5964TG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964TL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
|
Agilent (Hewlett-Packard) NEL[Nel Frequency Controls,inc]
|
440SH086M10 440SH086M12 440SH086M14 440SH086M16 44 |
EMI/RFI Tinel-Lock垄莽 Ring Adapter EMI/RFI Tinel-Lock庐 Ring Adapter EMI/RFI Tinel-Lock? Ring Adapter EMI/RFI Tinel-Lock? Ring Adapter
|
Glenair, Inc.
|