PART |
Description |
Maker |
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LD2985 |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
UTC[Unisonic Technologies]
|
ILE4264-2GET |
5-V/100mA Low Power Low-Drop Fixed-Voltage Regulator with low current consumption
|
IK Semicon Co., Ltd
|
HZF27 |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
齐纳二极
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
LDO59 |
IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LS842 LS840 LS840-2 LS841 |
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
|
LINEAR[Linear Integrated Systems]
|
STPS5L40RL STPS5L40 |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode POWER SCHOTTKY RECTIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LD2985L-XX-AF5-R LD2985G-XX-AF5-R |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
|
Unisonic Technologies
|