PART |
Description |
Maker |
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
SML100W18 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:1000V,Id(cont):17.3A,Rds(on):0.57Ω)(N沟道增强高电压功率MOS场效应管(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
B1821BH075C300N B1821BH075C275N B1821BH038C275N B1 |
Cap Screws Cont
|
Fastenal
|
0541323297 0541323397 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
APT1101RSFLL |
Volts:1100V RDS(ON)1Ohms ID(cont):13Amps|FREDFETs ( fast body diode)
|
|
APT50M60JVR |
Volts:500V RDS(ON)0.06Ohms ID(cont):63Amps|MOSFETs 电压00V电压的RDS(ON.06Ohms身份证(续)63安培| MOSFET
|
Yageo, Corp.
|
APT50M50JLL |
Volts:500V RDS(ON):0.05Ohms ID(cont:)79Amps|MOSFETs 电压00V电压的RDS(ON):0.05Ohms编号(续:)七九安培| MOSFET
|
Microsemi, Corp.
|
3-84953-0 |
FPC ( Flexible Printed Circuit ) Connectors; 1MM FPC HORZ.TOP CONT.ASSY 30P ( AMP )
|
Tyco Electronics
|
CONT-JA16S 031-50213 SJ010889 |
CONT-JA16S
|
Japan Aviation Electronics Industry, Ltd.
|
APT5523BFLL APT5523SFLL |
Volts:550V RDS(ON)0.23Ohms ID(cont):24Amps|FREDFETs ( fast body diode) 电压50V的RDS(ON.23Ohms身份证(续):二十四安培| FREDFETs(快速体二极管)
|
Microsemi, Corp.
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
APC08Y08-J APC08G08-J APC08F08-J APC08K08-J APC08M |
PWR CORD,3C,Y,TWIN END,4', 18AWG, HEADER,RT/ANGLE,MALE,2RW,80PIN .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,50 CONT, .1"CTR,.025"PST,.23"GOLD TAIL CONN,HEADER,STRAIGHT,20 PIN HEADER,VERTICAL,REC,2RW,30cont HEADER,ST MALE,2RW,10PIN, .1"CTR,.025"PST,.23"GOLD (10) HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL HEADER,RT MALE,2RW,26 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,72PIN, .1"CTR,.025"PST,.23"GOLD TAIL CONNECTOR,HEADER,STRAIGHT, 50PIN HEADER,LP SHROUD,20PIN,STRGHT. HEADER,ST MALE,2RW,80 PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,LP SHROUD,10PIN,STRGHT. CONN,HEADER,26 PIN,W/LATCHES, .100",MALE,STRAIGHT,DUAL ROW HEADER,ST MALE,2RW,50PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,VERTICAL,REC,1RW,8cont CONNECTOR,HEADER,STRAIGHT, 10PIN PWR CORD,3C,9'10",BLACK,910PLG UNSHIELDED,18AWG,SJT,PIGTAIL HEADER,RT MALE,2RW,20 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,ST MALE,2RW,6PIN, .1"CTR,.025 PST,.23"GLDTL (10) 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL 非隔离DC / DC电源模块 HEADER,ST MALE,2RW,60PIN, .1"CTR,.025"PST,.23"GOLD TAIL 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,8PIN, .025"PST,.23"GOLDTAIL (10) 非隔离DC / DC电源模块
|
Astec America, Inc Alliance Semiconductor, Corp. JST Mfg. Co., Ltd.
|
|