PART |
Description |
Maker |
INTERSILCORP-X9241AWSZT2 X9241AWSZT1 |
Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R
|
INTERSIL CORP
|
LT1363CS8TRPBF |
70MHz, 1000V/µs Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
ICL7665S06 ICL7665SAIBAZA ICL7665SAIPAZ ICL7665SIB |
CMOS Micropower Over/Under Voltage Detector; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation]
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
ISL9212A ISL9212AIRZ ISL9200EVAL1 ISL9212AIRZ-T |
Charging System Safety Circuit; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R SWITCHING REGULATOR, PDSO12
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
EDI8F82048C85BSC |
40MHz Non-Inverting Quad CMOS Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R x8的SRAM模块
|
KEMET Corporation
|
LT1014ISW LT1013CJ8 LT1013ACJ8 LT1013MJ8 LT1013ACH |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013); Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 400 uV OFFSET-MAX, PDSO16
|
Linear Technology, Corp.
|
ISL6615AFRZ ISL6615ACRZ-T ISL6615ACBZ ISL6615AIBZ |
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 6 A AND GATE BASED MOSFET DRIVER, PDSO10
|
Intersil Corporation Intersil, Corp.
|