PART |
Description |
Maker |
LTC1514-3. LTC1514-5 LTC1514-3.3 LTC1514CS8-3.3 LT |
From old datasheet system Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
|
LINEAR TECHNOLOGY CORP
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
FAN560209 FAM6502MP45X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|
FAN5602MP33X FAN5602MP45X FAN5602 FAN5602MP5X FAN5 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
AN8018SA AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
MB3827 MB3827PFV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
FUJITSU LTD Fujitsu Limited Fujitsu Component Limited.
|
FAN5602MP33X FAN5602MP45X FAN5602MP5X |
Regulated Step-Up/Step-Down Charge Pump DC/DC Converter
|
Fairchild Semiconductor
|
ADP3000ARU-REEL ADP3000AR-REEL ADP3000AR-5-REEL AD |
High Efficiency Step-Up/Step-Down Switching Regulator
|
Analog Devices
|