PART |
Description |
Maker |
LT6350 LTC2369-18 |
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
|
Linear Technology
|
MAX11120V2 MAX11122 MAX11126 MAX11125 MAX11124 MAX |
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX1112012 MAX11121ATI |
1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC2382IDE-16PBF LTC2382-16 LTC2382CDE-16PBF LTC23 |
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
|
LINEAR TECHNOLOGY CORP
|
AD7478ART-500RL7 AD7476ART-500RL7 AD7477ART-500RL7 |
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 PTSE 11C 11#16 STR PLUG 1MSPS, 10-Bit ADC in 6 Lead SOT-23 1MSPS, 12-Bit ADC in 6 Lead SOT-23 8-Bit, 1 MSPS, Low Power Successive Approximation ADC Which Operates From A Single 2.35 V to 5.25 V Power Supply
|
Analog Devices, Inc.
|
LTC2377HMS-18PBF LTC2377HMS-18TRPBF |
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
|
Linear Technology
|
LTC2379CMS-18 LTC2379IDE-18 LTC2379IMS-18 |
LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
|
Linear Integrated Systems
|
LTC1196 LTC1196-1AC LTC1196-1ACS8 LTC1196-1BC LTC1 |
8-Bit/ SO-8/ 1MSPS ADCs with Auto-Shutdown Options 8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options 8-Bit SO-8 1MSPS ADCs with Auto-Shutdown Options From old datasheet system
|
LINER[Linear Technology]
|
AD7450BR AD7450BRM EVAL-CONTROLBRD2 AD7450AR AD745 |
Differential Input, 1MSPS, 12-Bit ADC in レSO-8 and S0-8 Differential Input, 1MSPS, 12-Bit ADC in SO-8 and S0-8
|
AD[Analog Devices]
|
MCP3001 MCP3001T-I/SN MCP3001T-I/ST MCP3001-I/P MC |
The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3001 features a successive approximation register (SAR) The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... 2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
|
Microchip Technology
|
SX9300 SX9300EVK SX9300IULTRT |
Ultra Low Power, Dual Channel Smart Proximity SAR Compliant Solution
|
Semtech Corporation
|