PART |
Description |
Maker |
APL5551 |
Dual Channel 500mA/500mA Regulator Reset IC
|
Anpec Electronics
|
LT3080 LT3080-1 LTC3025 LT1963A LT302911 LT3020 LT |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
MIC523707 MIC5237-3.3BU MIC5237-3.3YU MIC5237-2.5Y |
500mA Low-Dropout Regulator IC REG LDO 500MA 3.3V TO263 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3
|
Micrel Semiconductor, Inc.
|
SB05-05NP SB05-05 |
50V/ 500mA Rectifier 50V, 500mA Rectifier Shottky Barrier Diode
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
LTM8021 LTM8021EV-PBF LTM8021IV-PBF LTM8021V |
36VIN, 500mA Step-Down DC/DC μModule 36VIN, 500mA Step-Down DC/DC レModule
|
http:// Linear Technology
|
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
2SA1326 2SC3341 |
TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 500MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|叩| 30V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装
|
Samsung Semiconductor Co., Ltd.
|
LT6301 LT6301CFE LT6301IFETR |
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package Dual 500mA/ Differential xDSL Line Driver in 28-Lead TSSOP Package 500mA, Differential xDSL Line Driver in SSOP-28 Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package; Package: TSSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DUAL LINE DRIVER, PDSO28
|
Linear Technology, Corp.
|
RT9702APB RT9702APJ5 RT9702 RT9702AGB RT9702AGJ5 R |
80mΩ, 500mA/1.1A High-Side Power Switches with Flag 80mヘ, 500mA/1.1A High-Side Power Switches with Flag
|
Richtek Technology Corporation
|
CS8140 CS8140YDW24 CS8140YDWR24 CS8140YN14 CS8140Y |
5V/ 500mA Linear Regulator with ENABLE/ / and Watchdog RESET Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|