PART |
Description |
Maker |
FAN73933MX FAN73933 |
Half Bridge Gate Driver HALF BRIDGE BASED PRPHL DRVR, PDSO14 0.150 INCH, ROHS COMPLIANT, SOIC-14 Half-Bridge Gate Drive IC
|
Fairchild Semiconductor, Corp.
|
ISL89400ABZ-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1.25 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
ISL89401AR3Z ISL89400AR3Z ISL89400 |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
|
Intersil Corporation
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
HIP2100IRZ HIP2100IR4 HIP2100IR4Z HIP2100EIB |
100V/2A peak, low cost, high frequency half bridge driver.
|
Intersil
|
LM5109BSD/NOPB |
<font color=red>[Old version datasheet]</font> High Voltage 1-A Peak Half-Bridge Gate Driver
|
TI store
|
AAT4900IJS-T1 AAT4900IGV-T1 AAT4900 AAT490006 |
HALF BRIDGE BASED PRPHL DRVR, PDSO8 Buffered Power Half-Bridge
|
http:// Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
GA250TD120U |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT HALF-BRIDGE IGBT DOUBLE INT-A-PAK
|
IRF[International Rectifier]
|
IRFK4H054 |
60V SINGLE HEXFET Power MOSFET in a TO-240AA package Lsolated Base Power HEX-pak Assembly Half Bridge Configuration
|
International Rectifier
|
FB514 FB612 FB614 FB522 FB524 FB523 |
THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|1.2KV V(RRM)|25A I(T) 晶闸管模块|桥|半CNTLD |消委会| 1.2KV五(无线资源管理)|5A我(翻译 THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|600V V(RRM)|42.5A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|1.2KV V(RRM)|42.5A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|600V V(RRM)|25A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|1.2KV V(RRM)|25A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|800V V(RRM)|25A I(T)
|
Square D by Schneider Electric
|