PART |
Description |
Maker |
GMBT2411 |
NP N SI L I CO N PLAN AR MED IUM POWER T R ANSI STOR NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
FZT493 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT00; No. of Contacts:30; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN Med Power Transistor
|
ZETEX PLC Diodes Incorporated Zetex Semiconductors
|
A80286-8/S N80286-10/S N80L286-10/S R80286-10/S A8 |
1.5A Dual MOSFET Drvr, 0C to 70C, 8-SOIC 150mil, TUBE RNET-THK FILM SMD MED BODY 中功率厚膜排 16-Bit Microprocessor 16位微处理
|
Intel, Corp.
|
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
AT90SC19236R AT90SC19236RT |
Low-power, High performance 8-bit/16-bit secure microcontroller with 192K Byte ROM, 36K Byte EEPROM programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out High-performance, Low-power secureAVR?Enhanced RISC architecture. SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|