PART |
Description |
Maker |
6543PA0081000 |
22 AWG BC cond, FEP insul, cond twisted into pairs and individually shielded w/Beldfoil
|
List of Unclassifed Man...
|
PSR1636-36 |
SPECIFICATION DRAWING FOR BULK CABLE, 1.27MM PITCH, COND.1 TINNED MATCHING STANDARD AMP REQUIREMENTS FOR .050 CENTERLINE FFC
|
List of Unclassifed Manufac...
|
11EQS10 |
2-COND SHIELDED CABLE GRY 1 A, 100 V, SILICON, SIGNAL DIODE Low Forward Voltage drop Diode
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
ZX3CD2S1M832TC ZX3CD2S1M832 ZX3CD2S1M832TA |
CABLE 64 COND RIBBON WHT 100FT 3500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
HZ9C1 HZ7A1 HZ7B1 HZ16-2 HZ30-2 HZ18-1 HZ18-3 HZ4C |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 IND 3.9UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF Twisted Pair Flat Cable, 1700/14 28 AWG, .050 (1.27) Twisted Pair Flat Cable, 1700/20 28 AWG, .050 (1.27) Twisted Pair Flat Cable, 1700/16 28 AWG, .050 (1.27) CABLE 10 COND 100FT TWISTED PAIR CABLE 16 COND 100FT TWISTED PAIR CABLE 14 COND 100FT TWISTED PAIR Twisted Pair Flat Cable, 1700/10 28 AWG, .050 (1.27) Tactile Switch; Operating Force Max:150gf; Circuitry:SPST-NO; Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Operating Force:150gf RoHS Compliant: Yes Tactile Switch; Operating Force Max:100gf; Circuitry:SPST-NO; Switch Operation:(On)-Off; Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Mounting Type:PCB CABLE 20 COND 100FT TWISTED PAIR SWITCH TACT 12MM 130GF H=4.3MM Tactile Switch; Operating Force Max:260gf; Circuitry:SPST-NO; Switch Operation:(On)-Off; Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Mounting Type:PCB 128 x 64 pixel format, LED Backlight available Switch Cap; Color:Light Gray; External Height:12mm; External Width:12mm; For Use With:Omron B3F And B3W Series Tactile Switches RoHS Compliant: Yes SWITCH TACT 12MM 130GF H=7.3MM Tactile Switch; Operating Force Max:100gf; Circuitry:SPST-NO; Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Operating Force:100gf RoHS Compliant: Yes RES,CHIP,100PPM 750,1%,1/4W 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Tactile Switch; Operating Force Max:150gf; Circuitry:SPST-NO; Switch Operation:(On)-Off; Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Mounting Type:PCB 20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply Diodes>Zener
|
http:// Renesas Electronics, Corp. Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
SP3282EBCA/TR SP3282EBCY/TR SP3282EBEY/TR |
Round Conductor Flat Cable, 2010/25 28 AWG, .050 (1.27) CABLE 25 COND RIBBON WHT 100FT Round Conductor Flat Cable, 2010/30 28 AWG, .050 (1.27) Replaced by ADS7842 : 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Sipex Corporation
|
15.-1C-B15.5 125E-2C-8.25 125E-2CL-15.5 15GSE2-175 |
ELECTRIC FUSE, 100A, 15500VAC, 60000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 15500VAC, 60000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 15500VAC, 60000A (IR), INLINE/HOLDER ELECTRIC FUSE, 20A, 5500VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 25A, 2750VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 5500VAC, 80000A (IR), INLINE/HOLDER Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 中的位置额定电压保险 MULTIMODE FIBER CABLE CERAMIC,PLENM ST-MTRJ 20M 中的位置额定电压保险 FBR MODE COND PTCH CBL CERAMIC,DUP RISER,LCSC 中的位置额定电压保险 CAT5E PATCH CORD, 50FT BEIGE, MOLDED 中的位置额定电压保险 CAP .022UF 630V POLYPROPYLENE 中的位置额定电压保险 10 GIG OPTIMIZED FIBER PATCH ST/SC 中的位置额定电压保险 TRANS PREBIASED PNP 200MW SOT23 中的位置额定电压保险 XTAL CER SMT 6X3.5 2PAD 中的位置额定电压保险 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 中的位置额定电压保险 FO CERAMIC 62.5 PVC ST-LC 2M PATCH 中的位置额定电压保险 FO CERAMIC 62.5 PVC SC-SC 2M PATCH 中的位置额定电压保险 FO CERAMIC 62.5 PVC ST-MT 2M PATCH 中的位置额定电压保险 CAP .1UF 630V POLYPROPYLENE 中的位置额定电压保险 CB 17C 17#16 PIN PLUG 中的位置额定电压保险 ELECTRIC FUSE, 300A, 8250VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 65A, 8250VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 8250VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 8250VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 8250VAC, 80000A (IR), INLINE/HOLDER E Rated Medium Voltage Fuses 中的位置额定电压保险 TRANS PREBIASED PNP 200MW SOT323 中的位置额定电压保险 CISCO V.35 CABL, DTE, M 6 FT. CISCO HD DB60 TO DB25 FEMALE DCE 10 MULTIMODE FIBER CABLE CERAMIC,PLENM ST-MTRJ 30M MULTIMODE FIBER CABLE CERAMIC PLENM LC-MTRJ 30M CAT5E PATCH CORD, 6FT PINK, MOLDED CAT5E PATCH CORD, 1FT PINK, MOLDED CISCO X.21 CABL, DTE, M 10 FT. MULTIMODE FIBER CABLE CERAMIC, PLENUM SC-SC 30M High Voltage Lead Cable, 22 AWG, 17,000 V, 80 DegC Temperature,Red Color, Polyethylene Insulation, .120 in. Outer Diameter, Coaxial Cable Type RoHS Compliant: Yes CAT5E PATCH CORD, 6FT BEIGE, MOLDED 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Red; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyethylene; Leaded Process Compatible:No; Number of Conductors:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Fluoropolymer; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle RoHS Compliant: No 27.000MHZ, 18PF, 50PPM, SMT Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Thermoplastic Elastomer; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP .012UF 630V POLYPROPYLENE Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:150V RoHS Compliant: Yes 10 GIG OPTIMIZED FIBER PATCH LC/LC MULTIMODE FIBER CABLE CERAMIC, PLENUM SC-LC 30M MULTIMODE FIBER CABLE CERAMIC,PLNM MTRJ-MTRJ 20 CAT5E PATCH CORD, 50FT BEIGE, MOLDED Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:No RoHS Compliant: Yes 10 GIG OPTIMIZED FIBER PATCH ST/SC 10 GIG OPTIMIZED FIBER PATCH SC/SC FO CERAMIC 62.5 PVC ST-SC 2M PATCH FO CERAMIC 62.5 PVC ST-ST 2M PATCH FO CERAMIC 62.5 PVC ST-LC 2M PATCH Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:90ohm; Leaded Process Compatible:Yes; Temperature Max:200 C RoHS Compliant: Yes FO CERAMIC 62.5 PVC LC-LC 3M PATCH FO CERAMIC 62.5 PVC SC-SC 2M PATCH CONNECTOR ACCESSORY Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes FO CERAMIC 62.5 PVC ST-MT 2M PATCH FO CERAMIC SIMPLEX 62.5 PVC ST-ST 2M Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:3; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes PWR SUPP DESKTOP 12V 60W Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil Polyester Tape; Impedance:42ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes MULTIMODE FIBER CABLE CERAMIC,PLENM ST-MTRJ 20M MULTIMODE FIBER CABLE CERAMIC,PLENM SC-MTRJ 20M CAT5E PATCH CORD, 25FT BEIGE, MOLDED CAT5E PATCH CORD, 15FT BEIGE, MOLDED FBR MODE COND PTCH CBL CERAMIC,DUP RISER,LCSC CISCO RS-232 CABL, DCE, MALE, 10 FT. CISCO V.35 CABLE, DCE, MALE 10 FT. CISCO RS-232,CABL, DTE, M10 FT. V.35 CABLE, HIGH DENSITY DB60M TO V.35F, 10 FEET CISCO V.35 CABLE, DTE, M 10 FT. THUMBSCRW DB15 EDQ 35 NE THUMBSCRW DB25 EDQ 50 FT MM THUMBSCRW DB25 EDQ 35 FT MM THUMBSCRW DB25 EDQ 20 FT MM TRANS PREBIASED PNP 150MW SOT523 ELECTRIC FUSE, 200A, 8250VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 20A, 8250VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 15500VAC, 60000A (IR), INLINE/HOLDER
|
保险 Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|
7201 7103-05-1001 7103-05-1000 7103-05-1010 7143-2 |
7000 Series High Reliability Reed Relays 3-Pin Microprocessor Reset Circuits 4-Pin, µP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Five Universal Voltage Monitors, Complete µP Voltage Monitoring Low-Dropout, 120mA Linear Regulators Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage Reference Dual, Low-Dropout, 100mA Linear Regulators 5V Microprocessor Supervisory Circuits Dual Step-Down DC-DC Power-Management ICs for Portable Devices 5-Pin Microprocessor Supervisory Circuits with Watchdog Timer and Manual Reset ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors 4-Pin µP Voltage Monitors with Manual Reset Input Low-Dropout, 300mA Linear Regulators in SOT23 Microprocessor Voltage Monitors with Programmable Voltage Detection Low-Cost Multichemistry Battery Chargers High-Speed, Low-Power Voltage Comparators Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference µPMIC for Microprocessors or DSPs in Portable Equipment Low-Cost, Ultra-Small, 3µA Single-Supply Comparators ±1% Accuracy, Low-Power, 3V and 5V µP Supervisory Circuits SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference UNSHIELDED 22AWG UL2464 10 COND 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy Micropower, Ultra-Small, Single/Dual/Quad Single-Supply Comparators 4-Pin µP Voltage Monitors with Manual Reset Input Five Universal Voltage Monitors, Complete µP Voltage Monitoring
|
Coto Technology Sanyo Electric Co., Ltd. NorComp TE Connectivity, Ltd. Aimtec Dialight PLC TUSONIX, Inc. Molex, Inc. 3M Company American Electronic Components, Inc. Amphenol, Corp. DB Lectro, Inc. Laird Technologies, Inc. SCHURTER AG Glenair, Inc. Microchip Technology, Inc. Bourns, Inc. Wieland Electric, Inc. Keystone Electronics, Corp.
|
H11AA814C.3S H11AA814C3SD H11AA814C.3SD H11A8173S |
4POINT 23"RACKMT SHELF 24SCA-RMS-23X24-FIXED Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifiers 8-MSOP-PowerPAD -40 to 85 INDUCTOR, AXIAL, 27UH; Inductor type:Choke; Inductance:27uH; Tolerance, inductance: /-20%; Resistance:2R; Current, DC max:0.4A; Frequency, resonant:40MHz; Case style:Axial; Q factor:2; Material, core:Ferrite; Tolerance, :20%; RoHS Compliant: Yes Series 942 Separate sensor head, 1500 mm [59.0 in] scan distance, Stainless Steel M30, Connector, to use with 942-M0A control box Series 942 Separate sensor head, 900 mm [35.0 in] scan distance, Stainless Steel M30, Connector, to use with 942-M0A control box Series 942 Compact, 3000 mm [118.0 in] scan distance, Stainless Steel M30, Connector, one analog output (4 mA to 20 mA), two switching outputs PNP and digital link Series 942 Separate control box, 2500 mm [98.0 in] scan distance, two analog outputs (0 Vdc to 10 Vdc and 4 mA to 20 mA) , two switching outputs PNP and digital link, to use with 942 or 947 sensor head Series 942 Separate control box, 900 mm [35.0 in] scan distance, two analog outputs (0 Vdc to 10 Vdc and 4 mA to 20 mA) , two switching outputs PNP and digital link, to use with 942 or 947 sensor head Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifiers 8-MSOP -40 to 85 CAT 5E PATCH CORD, BEIGE 5 FT. ORANGE CAT5E PATCH CORD, 50 FT INDUCTOR, AXIAL, 3.0UH; Inductor type:Choke; Inductance:3uH; Tolerance, inductance:20%; Resistance:0.09R; Current, DC max:2A; Frequency, resonant:113MHz; Case style:Axial; Q factor:0.9; Material, core:Ferrite; Tolerance, :20%; RoHS Compliant: Yes CAT5E PATCH CORD 100MHZ 7 FOOT ORANGE ORANGE CAT5E PATCH CORD, 10 FT INDUCTOR, AXIAL, 50UH; Inductor type:Choke; Inductance:50uH; Tolerance, inductance: /-20%; Resistance:3R; Current, DC max:0.4A; Frequency, resonant:37MHz; Case style:Axial; Q factor:3; Material, core:Ferrite; Tolerance, :20%; RoHS Compliant: Yes PATCH PANEL HINGE KIT 1U SCA-H PATCH PANEL HINGE KIT 2U SCA-H DATA/DATA (8 COND) IVORY SCA-S CAT 5E PATCH CORD, BEIGE 3 FT Series 942 Separate control box, 1500 mm [59.0 in] scan distance, two analog outputs (0 Vdc to 10 Vdc and 4 mA to 20 mA) , two switching outputs PNP and digital link, to use with 942 or 947 sensor head 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Series 942 Compact, 1500 mm [59.0 in] scan distance, Stainless Steel M30, Connector, one analog output (4 mA to 20 mA), two switching outputs PNP and digital link 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Series 942 Compact, 600 mm [24.0 in] scan distance, Stainless Steel M30, Connector, one analog output (0 Vdc to 10 Vdc), two switching outputs PNP and digital link 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER FIXED 4-POINT SHELF 19"X24"D 4引脚光电晶体管光电耦合 CRIMPMASTER TOOL KIT 4引脚光电晶体管光电耦合 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS 4引脚光电晶体管光电耦合 BOX 3.05X1.51X1.05 W/2 BTNS ALMOND 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER GIGABASE 350 CAT5E PATCH 2 FT, NON BOOT, BEIGE 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifiers 14-HTSSOP -40 to 85 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifiers 14-SOIC -40 to 85 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. Data Delay Devices, Inc. http://
|
|