PART |
Description |
Maker |
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HA12181FP |
AM noise canceller AM Radio Noise Reduction System
|
HITACHI[Hitachi Semiconductor]
|
SBFP540M |
Ultrahigh-Frequency Transistors UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
|
Sanyo Semicon Device
|
ISL210070712 ISL21007 ISL21007BFB812Z ISL21007BFB8 |
Precision, Low Noise FGA?Voltage References Precision, Low Noise FGA?⒅oltage References Precision, Low Noise FGA⑩Voltage References Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
MMBT5088LT1 MMBT5089LT1 MMBT5088L MMBT5088LT1-D MM |
Low Noise Transistors NPN Silicon Small Signal Low Noise
|
ONSEMI[ON Semiconductor]
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
UPA811T-T1 UPA811 UPA811T PA811T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|
NNCD68PG NNCD6.8PG NNCD6.8PG-T1 NNCD6.8PG-T2 |
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD ESD noise clipping diode 5pin SC-74A
|
NEC Corp. NEC[NEC]
|