PART |
Description |
Maker |
Z8L18008FEC Z8L18008VEC Z8L18008PEC Z8L18010FSC Z8 |
Microprocessor Unit Z8018x Family MPU Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:4VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:10uF; Capacitance Tolerance: /- 20%; ESR:2.2ohm; Leaded Process Compatible:Yes; Operating Temp. Max:105 C RoHS Compliant: Yes CONN RING INSUL 26-24 AWG #8 CONN RING INSUL 26-24 AWG #6 CONN RING INSUL 26-24 AWG #2 8-BIT, MICROPROCESSOR, PDIP64 ENHANCED Z180 MICROPROCESSOR Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:6.8uF; Capacitance dielectric type:Niobium Oxide; Case style:P; Depth, external:1.5mm; Length / Height, RoHS Compliant: Yes Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:2.5VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:15uF; Capacitance Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:4.7uF; Capacitance
|
ZILOG INC Zilog Inc. Zilog. ZiLOG, Inc.
|
10A2 10A1 10A4 10A8 10A6 10A10 10A005 |
Video Triax Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material Coaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance Triaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:17.3pF/ft; Leaded Process Compatible:Yes; Shielding Coverage:95% RoHS Compliant: Yes Video Triax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:16.1pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes MICRO MATE PLUG PCB EDGE MOUNT Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 10.0放大器硅整流
|
Bytes
|
92010101000 9201010U500 |
RG-58/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
|
List of Unclassifed Man...
|
1533P877A1000 |
24 AWG solid bare copper conductors, plenum, FEP Teflon insulation
|
List of Unclassifed Man...
|
C3521.41.86 C35214186 |
C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
|
General Cable Technologies Corporation
|
C5776.41.01 C57764101 |
C5776, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|
C50394101 C5039.41.01 |
C5039, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|
C2118.21.08 21182108 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
|
General Cable Technologies Corporation
|
C21192107 C2119.21.07 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
|
General Cable Technologies Corporation
|
C21192101 C2119.21.01 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
|
General Cable Technologies Corporation
|
C2117.21.02 C21172102 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
|
General Cable Technologies Corporation
|
C2003.21.02 C20032102 |
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 24Conductor/Strands: Solid
|
General Cable Technologies Corporation
|