PART |
Description |
Maker |
5962R9858301VXA UT80CRH196KD-WCA UT80CRH196KD-WCC |
16-bit microcontroller: SMD. Lead finish solder. Class V. 20MHz. Total dose 1E5rads(Si0. Microcontroller. Lead finish solder. Microcontroller. Lead finish gold. Microcontroller. Lead finish optional. Microcontroller. Lead finish gold. Prototype.
|
Aeroflex Circuit Technology
|
1.5KE36A-G 1.5KE36CA-G 1.5KE7.5A-G 1.5KE600CA-G 1. |
Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=30.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=70.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=20.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=40.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=28.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=25.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=53V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=58.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=376.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=18.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=36.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=470.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=102V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=427.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=145V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=299.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=185V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=154V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=47.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=171V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=342V, Tolerance=5%
|
Comchip Technology
|
MAAP-008924-TR0500 MAAP-008924-TR1000 |
Amplifier, Power, 1.2 W 10 - 13.3 GHz Lead-Free 5 mm 20-lead PQFN Package
|
M/A-COM Technology Solutions, Inc.
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
IRF1324STRL-7PP |
24V Single N-Channel HEXFET Power MOSFET in a Lead Free 7-Lead D2-Pak package
|
International Rectifier
|
020902.5MXEP 0209007MXEP 0209006MXEP 02092.25MXEP |
Axial Lead & Cartridge Fuses 209 Series Lead-Free 2AG, Slo-Blo? (Time-Lag) Fuse
|
Littelfuse
|
XP1050-QJ-0G00 XP1050-QJ-0G0T |
Lead-Free 6 mm 24-lead QFN Package
|
M/A-COM Technology Solu...
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2 LTC4210-1IS6 L |
From old datasheet system 2.7V to 16.5V, 6-Lead SOT-23 Hot Swap Controller in 6-Lead SOT-23 Package
|
LINER[Linear Technology]
|
BL-XY0361-F9 BL-XA1361-F9 BL-XGD361-F9 BL-XKB361-F |
Yellow, 30 mA, axial LED lamp with Z bent lead Amber, 30 mA, axial LED lamp with Z bent lead Super yellow green, 30 mA, axial LED lamp with Z bent lead Super yellow, 30 mA, axial LED lamp with Z bent lead Super red, 30 mA, axial LED lamp with Z bent lead Super orange red, 30 mA, axial LED lamp with Z bent lead Pure green, 30 mA, axial LED lamp with Z bent lead Bluish green, 30 mA, axial LED lamp with Z bent lead
|
Yellow Stone Corp
|
72905 72905-0 |
Clip lead for Micro SMD Grabber SMD test clip lead; Color:black INTERCONNECTION DEVICE
|
Pomona Electronics
|
|