PART |
Description |
Maker |
5KP36APT 5KP43APT 5KP85APT 5KP51APT 5KP26APT 5KP11 |
VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
|
Chenmko Enterprise Co. Ltd.
|
5KP45APT |
VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
|
Chenmko Enterprise Co. Ltd.
|
2729-170 |
170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100?, 10% 170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100刁, 10%
|
ADPOW[Advanced Power Technology]
|
PTF10009 |
85 Watts, 1.0 GHz GOLDMOS?/a> Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOS⑩ Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOSField Effect Transistor 85 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
PTF102027 |
40 Watts, 92560 MHz GOLDMOS Field Effect Transistor 40 WATTS, 925-960 MHZ GOLDMOS FIELD EFFECT TRANSISTOR
|
Ericsson Microelectronics
|
PTB20077 |
0.7 Watts, 1525660 MHz INMARSAT RF Power Transistor 0.7 Watts, 1525-1660 MHz INMARSAT RF Power Transistor 0.7 Watts 1525-1660 MHz INMARSAT RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
PTF102028 |
18 Watts, 86060 MHz GOLDMOS Field Effect Transistor 18 Watts 860-960 MHz GOLDMOS Field Effect Transistor 18 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PTF10015 |
50 Watts/ 300-960 MHz GOLDMOS Field Effect Transistor 50 Watts, 300-960 MHz GOLDMOS Field Effect Transistor 50 Watts, 30060 MHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|