PART |
Description |
Maker |
M74HC323 M74HC323B1R M74HC323C1R M74HC323F1R M74HC |
HC323 8 BIT PIPOSHIFT REGISTER WITH SYNCHRONOUS CLEAR HC299 8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS CLEAR HC299 8BITPIPOSHIFTREGISTERWITHASYNCHRONOUS CLEAR HC299 8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR HC323 8 BIT PIPOSHIFT REGISTER WITHSYNCHRONOUS CLEAR 12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Q temp available 8-SOIC -40 to 125
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MM74HC174 MM74HC174M MM74HC174MTC MM74HC174N MM74H |
Hex D-Type Flip-Flop with Clear From old datasheet system Hex D-Type Flip-Flops with Clear
|
FAIRCHILD[Fairchild Semiconductor]
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APT1608SGC APT1608YC APT1608EC |
1.6 x 0.8 mm SMD chip LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. Yellow. (peak wavelength 590 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear.
|
Kingbright Electronic
|
AS7C32096A AS7C32096A-20TIN AS7C32096A-10TC AS7C32 |
SRAM - 3.3V Fast Asynchronous 3.3V 256K x 8 CMOS SRAM Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Hex D-Type Flip-Flops With Clear 16-SO -40 to 85 256K X 8 STANDARD SRAM, 15 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 256K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
TLHG4900 TLHR4900 TLHY4900 TLH4900 TLHO4900 TLHP49 |
High Efficiency LED in 3 mm Clear Package From old datasheet system High Efficiency LED in 3 mm Clear Package
|
VISAY[Vishay Siliconix] TFUNK[Vishay Telefunken]
|
HM628128 HM628128DLT-7 HM628128DLFP-5UL HM628128DL |
1 M SRAM (128-kword x 8-bit) Hex D-type Flip-Flops With Clear 20-LCCC -55 to 125 1个M的SRAM28 - KWord的8位) Replaced by SN54LS158 : Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 1个M的SRAM128 - KWord的8位) Synchronous 4-Bit Up/Down Binary Counters 16-CDIP -55 to 125 Quadruple D-type Flip-Flops With Clear 20-LCCC -55 to 125 Synchronous 4-Bit Up/Down Binary Counters 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 28-LCCC -55 to 125 Hex D-type Flip-Flops With Clear 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 24-CFP -55 to 125 Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 Synchronous 4-Bit Counters 16-CDIP -55 to 125 Quadruple D-type Flip-Flops With Clear 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 24-CDIP -55 to 125
|
Hitachi Semiconductor Hitachi,Ltd.
|
BA-8Y6UW BA-2D2UW BA-2E2UW BA-2G2UW BA-2H2UW BA-2R |
LED LIGHT BAR & BAR GRAPH ARRAYS ENCLOSURE, CLEAR DOORENCLOSURE, CLEAR DOOR; Length / Height, external:185mm; Width, external:213mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL94-5V; IP rating:IP 65; RAL number:7035; LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
APC3216XXX APC3216HC APC3216HD APC3216YD APC3216EC |
3.2 x 1.6 mm SMD chip LED. Mega bright green. Lens type water clear. 3.2 x 1.6 mm SMD chip LED. Blue. Lens type water clear. 3.2 x 1.6 mm SMD chip LED. Bright red. Lens type water clear. 3.2 X 1.6MM(1206) SMD CHIP LED 3.2 x 1.6 mm SMD chip LED. Super bright green. Lens type green diffused.
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright Corporation.
|
QTLP630C-O QTLP630C-IB QTLP630C-E QTLP630C-AG QTLP |
SURFACE MOUNT LED LAMP SUPER BRIGHT 0805 SINGLE COLOR LED, TRUE GREEN, 1.4 mm SURFACE MOUNT LED LAMP SUPER BRIGHT 0805 SINGLE COLOR LED, BLUE, 1.4 mm InGaN True-Green Surface Mount LED Lamp (0805) Chip Type - Water Clear Yellow Surface Mount LED Lamp (0805) Chip Type - Water Clear Yellow-Green Surface Mount LED Lamp (0805) Chip Type - Water Clear Red Surface Mount LED Lamp (0805) Chip Type - Water Clear InGaN Blue Surface Mount LED Lamp (0805) Chip Type - Water Clear Yellow-Orange Surface Mount LED Lamp (0805) Chip Type - Water Clear
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MV8832 MV8833 MV883X MV8832A |
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear T-1 3/4 SINGLE COLOR LED, SUPER ORANGE RED, 5 mm SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear T-1 3/4 SINGLE COLOR LED, ORANGE RED, 5 mm SUPER BRIGHT T-1 3/4 (5mm) LED LAMP - Water Clear Red Super Bright T-1 3/4 (5 mm) LED Lamp - Water Clear
|
Fairchild Semiconductor, Corp.
|