PART |
Description |
Maker |
1N5819RLG 1N5817 1N5817G 1N5817RL 1N5817RLG 1N5818 |
1A 40V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 1 A, 40 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Rectifiers
|
ONSEMI[ON Semiconductor]
|
PS7841C-A11 PS7841C-A15 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21366 packaged in a Lead-Free 28-Lead SOIC Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2121 packaged in a Lead-Free 8-Lead PDIP
|
NEC, Corp.
|
19221-0318 |
BAT.TERM.HEAVY WALL LEAD PLT (192210318 COPPER ALLOY, LEAD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
020902.5MXEP 0209007MXEP 0209006MXEP 02092.25MXEP |
Axial Lead & Cartridge Fuses 209 Series Lead-Free 2AG, Slo-Blo? (Time-Lag) Fuse
|
Littelfuse
|
XP1050-QJ-0G00 XP1050-QJ-0G0T |
Lead-Free 6 mm 24-lead QFN Package
|
M/A-COM Technology Solu...
|
S419-06 S424-06 |
1mm Blade Vertical Tab, reeled, 0.64mm thick, tin/lead BRASS, TIN LEAD FINISH, PCB TERMINAL 3.6mm Blade Vertical Test Point Terminal, 0.8mm thick, reeled, tin/lead
|
Harwin PLC HARWIN INC
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
AD7914 AD7924BRU AD7904BRU AD7914BRU AD7904 AD7924 |
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP 4-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Universal LVDT Signal Conditioner 4-Channel, 1 MSPS, 8-Bit A/D Converter with Sequencer in 16-Lead TSSOP 4-Channel, 1 MSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP 4-Channel, 1 MSPS, 10-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
Analog Devices, Inc.
|
HI5714 HI5714_4CB HI5714_6CB HI5714_8CB HI5714EVAL |
INSULATOR FOR TO-18 INSUL/16 LEAD DIP .3IN .03IN DISCRETE COMPONENT AND CAPACITOR MOUNT, LEAD SPACE=.100(2.5) OVERALL HEIGHT=.045(1.1), MOLDED FROM 94V-2 NYLON PER ASTM D 4066 RoHS Compliant: Yes 8-Bit, 40/60/75/80 MSPS A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
BL-XY0361-F9 BL-XA1361-F9 BL-XGD361-F9 BL-XKB361-F |
Yellow, 30 mA, axial LED lamp with Z bent lead Amber, 30 mA, axial LED lamp with Z bent lead Super yellow green, 30 mA, axial LED lamp with Z bent lead Super yellow, 30 mA, axial LED lamp with Z bent lead Super red, 30 mA, axial LED lamp with Z bent lead Super orange red, 30 mA, axial LED lamp with Z bent lead Pure green, 30 mA, axial LED lamp with Z bent lead Bluish green, 30 mA, axial LED lamp with Z bent lead
|
Yellow Stone Corp
|
|