PART |
Description |
Maker |
RL207-TP RL206-TP RL205-TP RL202-TP |
DIODE STD REC 2A 1000V DO15 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 800V DO15 2 A, 800 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 600V DO15 2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 100V DO15 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp.
|
87568-1663 87568-4444 87568-2244 87568-3443 87568- |
MGrid IDT Rec /OPolKeyLRmp .38AuLF 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .38AuLF 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 40Ckt 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKeyLRmp .76AuLF 50Ckt
|
Molex, Inc. MOLEX INC
|
52484-0410 52484-0510 52484-0910 |
MI-2 WTB S/R IDT REC 4CKT 524840410 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MI-2 WTB S/R IDT REC 5CKT 524840510 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MI-2 WTB S/R IDT REC 9CKT 524840910 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE
|
Electronic Theatre Controls, Inc. Molex, Inc.
|
51102-0900 51102-0500 51102-0400 |
2.5 W/B REC HSG FRIC LOCK 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:5; Series:Mini-Lock; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.098" RoHS Compliant: Yes 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 2.5 W/B REC HSG FRIC LOC 511020400
|
Molex, Inc. MOLEX INC
|
39-02-6025 39-02-6074 |
LP2.5 CRIMP REC. HSG W/L YEL 5264-02YE 2 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE LP2.5 CRIMP REC. HSG W/L 7 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
CPW2-0650-S006B |
Z-Rec? Rectifier
|
Wolfspeed
|
CPW5-0650-Z050B |
Z-Rec? Rectifier
|
Wolfspeed
|
KA22292Q |
PB/REC EQ ST PRE AMP(???/褰??绔??澹板?琛℃?澶у?)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
BA5104A |
Switchless REC/PB Amplifier
|
Rohm
|
968879 |
70 POS. MIXED REC. HOUSING
|
Tyco Electronics
|
CXA1702AR |
4-channel REC/PB Amplifier for 8 mm VCR
|
SONY[Sony Corporation]
|
PDSP16488AMAACBR |
JT 15C 14#20 1#16 PIN WALL REC
|
Mitel Networks Corporation
|
|