PART |
Description |
Maker |
SIOV-LS40K130QP SIOV-LS40K230QP SIOV-LS40K320QP SI |
RESISTOR, VOLTAGE DEPENDENT, 170 V, 310 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 300 V, 460 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 420 V, 640 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 560 V, 910 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 585 V, 950 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 200 V, 360 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 320 V, 490 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 350 V, 550 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 505 V, 800 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 615 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 745 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 895 V, 1100 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 1060 V, 1200 J, CHASSIS MOUNT
|
SIEMENS AG
|
ATV15C580J-G ATV15C580JB-G ATV15CJ750A-G ATV15CJ75 |
Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=150V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=145V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=47.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=70.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=299.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=470.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=10%
|
Comchip Technology
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
FXLA108BQX12 FXLA10812 |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
LM385-2.5 LM285-2.5 LM385BZ-2. LM185-2.5 LM185-2.5 |
LOW POWER/ BANDGAP VOLTAGE REFERENCES From old datasheet system Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, MBCY2 Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3
|
TelCom Semiconductor LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
ICL7660 ICL7660A |
Voltage Inverter, 5 to ?V, Input Voltage 1.5-10V, or Voltage Doubler to 18.6V
|
Intersil
|
|