PART |
Description |
Maker |
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
UPA675T UPA675T-T1 UPA675T-T2 UPA675T-A |
100 mA, 16 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING N-channel enhancement type MOS FET
|
NEC
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
PHP206 |
Dual P-channel enhancement mode MOS transistor 5600 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SIZ702DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 13.8 A, 30 V, 0.012 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
2SJ325 2SJ325-Z-E2 2SJ325-Z-E2JM 2SJ325-Z-T1 2SJ32 |
P-channel enhancement type SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 4A I(D) | TO-252VAR
|
NEC Corp.
|
|