PART |
Description |
Maker |
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
1447C-10-5 1446A-32-5 1446A-35-5 1485A-51-5 1465G- |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
RN114-4/02 RN114-0.3/02 RN114-0.5/02 RN114-2/02 RN |
CHOKE 1.5MH 4A DROSSEL NETZ PCB 47MH 0.3A CHOKE 39MH 0.5A DROSSEL NETZ PCB 4.2MH 2.0A DROSSEL NETZ PCB 27MH 0.8A CHOKE 15MH 1A CHOKE 3.9MH 4A CHOKE 2MH 3A CHOKE 10MH 1.2A DROSSEL NETZ PCB 3MH 1A DROSSEL NETZ PCB 5.6MH 2.5A CHOKE 5.6MH 2.5A DROSSEL NETZ PCB 4.3MH 1.5A DROSSEL NETZ PCB 3.3MH 1.5A CHOKE 6.8MH 2.0A DROSSEL NETZ PCB 6.8MH 2.0A CHOKE 6.8MH 1.5A DROSSEL NETZ PCB 6.8MH 1.2A CHOKE 6.8MH 1.2A CHOKE 3.9MH 6A CHOKE 12MH 0.3A CHOKE 47MH 0.3A 德罗塞尔内茨7MH电流0.6A 德罗塞尔内茨.4MH电流0.6A 扼流.3MH2.5a 扼流.4MH 0.6A 德罗塞尔Netz公司4.5MH 3.0A的电路板 扼流7MH 0.5A 德罗塞尔内茨7MH 0.8A 扼流9MH 0.8A 扼流00MH 0.5A 德罗塞尔内茨.3MH 4.0a 德罗塞尔内茨7MH 0.3A 扼流2MH 0.5A 扼流9MH 0.5A 德罗塞尔内茨9MH 0.4A 德罗塞尔内茨0MH 0.8A DROSSEL NETZ PCB 1.1MH 2A 德罗塞尔内茨1.1MH CHOKE 27MH 0.8A 扼流7MH 0.8A
|
HIROSE ELECTRIC Co., Ltd.
|
0194270017 0194270017-18 |
5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 8Circuits
|
Molex Electronics Ltd.
|
1803280 1803332 1803277 1803358 1803316 |
HEADER PCB R/A 3.81MM 3WAY HEADER PCB R/A 3.81MM 8WAY HEADER PCB R/A 3.81MM 2WAY HEADER PCB R/A 3.81MM 10WAY HEADER PCB R/A 3.81MM 6WAY 头板.81MM 6WAY
|
PHOENIX CONTACT Deutschland GmbH
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
MTA1164H-YG MTA1164H-YY MTA1164H-HRG MTA1164H-GG M |
Packaged LEDS/PCB Mount Indicators 封装LED / PCB安装指标 Marktech RT Angle Multi Color PCB MT 5mm LEDs
|
Marktech Optoelectronics Marktech Corporate
|
558178-1 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MJ,R/A,SMT,8P,PCB GRD,PNL STOP ( AMP )
|
Tyco Electronics
|
0482016048 48201-6048 |
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 2 pcs M3 Inner Thread Screw Attached, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063) MOLEX Connector
|
Molex Electronics Ltd.
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
107-305-04 103-330-04-05 122-000-04-52-05 103-383- |
LED 3MM VIERFACH 4X ROT 33MCD LED 3MM ZWEIFARBIG ROT/GRUEN 12MCD LED 3MM ZWEISTUFIG ROT UEBER GRUEN LED 3MM PCB MNT 5V GREEN LED 3MM PCB MNT 5V YELLOW LED 3MM PCB MNT 5V RED LED 3MM EINFARBIG GELB 33MCD LED 3MM ZWEISTUFIG GRUEN UEBER GRUEN LED 3MM EINFARBIG ROT 33MCD LED 3MM ZWEISTUFIG ROT UEBER ROT 33MCD LED PCB 3MM 5VOLT YEL.X4 LED 3MM PCB MNT GREEN X4 LED 3MM VIERFACH 4X GRUEN 47MCD LED 3MM PCB MNT YELLOW X4 LED 3MM PCB MNT RED X4 LED 3MM PCB MNT GREEN X2 LED 3MM PCB MNT YELLOW X2 LED PCB 3MM 5VOLT RED X4 发光二极管电路板3毫米5VOLT红X4 LED 3MM EINFARBIG GRUEN 47MCD 发光二极管毫米EINFARBIG格林47MCD LED PCB 3MM 5VOLT GRN.X4 发光二极管电路板3毫米5VOLT GRN.X4
|
Ecliptek, Corp. Marl International Limited Electronic Theatre Controls, Inc.
|