PART |
Description |
Maker |
FRMG1211C-TR |
SPEC.2
|
STANLEY ELECTRIC CO.,LTD.
|
COG-T130MLH-01 |
MODULE SPEC
|
VARITRONIX[Varitronix international limited]
|
ZS1052-10BUL |
DEVICE SPEC
|
PERKINELMER[PerkinElmer Optoelectronics]
|
COG-C177MVH-01 |
MODULE SPEC
|
Varitronix international limited
|
0073-0238 0073-0191 0073-0169 0073-0166 0085-0798 |
DA ACTUATOR MASTER SPEC
|
Cherry Semiconductor Corporation Cherry Semiconductor Co...
|
SAP5S SAP5SB-A-G1-R SAP5SB-A-G1-T SAP5SB-A-R SAP5S |
Spec. 3.0 Compatible universal as-i IC
|
http:// Zentrum Mikroelektronik Dresden AG ZMD[Zentrum Mikroelektronik Dresden GmbH]
|
2SC2312 |
RF POWER TRANSISTOR Spec sheet
|
Mitsubishi Electric
|
4600T 4611T-106-2222FCD 4611K-101-2222BAA 4611K-10 |
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Film Capacitor; Voltage Rating:63VDC; Capacitor Dielectric Material:Polyester; Capacitance:1uF; Capacitance Tolerance: 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes THIN FILM CONFORMAL SIP 薄膜共形SIP协议
|
List of Unclassifed Manufacturers BOURNS ETC[ETC] Electronic Theatre Controls, Inc.
|
ZFBBA20A-A |
SURFACE MOUNT DISPLAY PRELIMINARY SPEC
|
SunLED Corporation
|
ZFBBA129C |
SURFACE MOUNT DISPLAY PRELIMINARY SPEC
|
SunLED Corporation
|
LQ084V1DG21 |
TFT-LCD Module Spec - From old datasheet system
|
Sharp Microelectronics of the Americas
|
HA-2425 HA-2420 |
Sample and Hold Amplifiers, 3.2s Acquisition Time, JFET input, Relaxed Spec
|
Intersil
|