PART |
Description |
Maker |
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
PG-101 PG-104 PG-2BC |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Samsung Semiconductor Co., Ltd.
|
SI300-FS SI3000-KS SI3000-KSR SI3008-B-FS SI3000-C |
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4?2 kHz Sample Rates 30 dB Microphone Pre-Amp
|
Silicon Laboratories Inc.
|
CY2302SXI-1T |
Frequency Multiplier and Zero Delay Buffer; Voltage (V): 3.3/5.0 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 2; Operating Range: -40 to 85 C 23S SERIES, PLL BASED CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 Frequency Multiplier and Zero Delay Buffer; Voltage (V): 3.3/5.0 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 2; Operating Range: -40 to 85 C
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
CY23S08SXC-1T |
3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 140 MHz; Outputs: 8; Operating Range: 0 to 70 C 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Cypress Semiconductor, Corp.
|
CY2XP21ZXI CY2XP21ZXC |
125 MHz LVPECL Clock Generator; Voltage (V): 2.5/3.3 V; Input Range: 22.4 MHz to 28 MHz; Output Range: 112 MHz to 140 MHz; Outputs: 1
|
CYPRESS SEMICONDUCTOR CORP
|