PART |
Description |
Maker |
GRS-2012-2600 |
ROCKER SWITCH S.P.D.T. NO POLAR, NO BARR
|
CW Industries
|
CDR11BP100AGYS CDR11BP101AGYS CDR11BP102AGYS CDR11 |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00075 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.000075 uF, SURFACE MOUNT CHIP CAP 2200PF 50V 5% X7R SMD-1111 WAFFLE-PAK BASE/BARR/SOLDER MICROWAVE R-MIL-PRF-55681 CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0022 uF, SURFACE MOUNT
|
AVX, Corp.
|
STPS41L45CT STPS41L45CR STPS41L45CG-TR STPS41L45CG |
From old datasheet system LOW DROP POWER SCHOTTKY RECTIFIER Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LD2985AXX09 |
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
|
STMicroelectronics
|
742-000-83-50 742-000-83-51 SPL9067 |
A Perimeter light incorporating solid state LEDs Low maintenance Low power consumption Low Life
|
Marl International Limited Marl International Limi...
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|
MKP1839 |
C-values 1000 pF - 10 μF, Voltage 160 - 630 VDC, Tolerances to 1%, Low losses, Low dielectric absorption, Low profile, AXIAL
|
Vishay
|
NCP707 |
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
|