PART |
Description |
Maker |
AMA2803R3S AMA2805S AMA2812S AMA2815S |
Hi-Rel DC-DC Rad-Tolerant Single Converter in a AMA package RADIATION TOLERANT DC/DC CONVERTERS
|
International Rectifier
|
MAX3054 MAX3054ASD MAX3055ASD MAX3056ASD MAX3055 M |
±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications ±.80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications ±80V故障保护/容错CAN收发器,适合于汽车应 ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications DATACOM, INTERFACE CIRCUIT, PDSO14 【80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications ?à80V Fault- Protected/Tolerant CAN Transceivers for In-Car Applications ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
74LCX573TTR 74LCX573MTR 74LCX573M 74LCX573 |
OCTAL D-TYPE NON INVERTING WITH 5V TOLERANT INPUT AND OUTPUT OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
OMR7805ST OMR7815ST OMR7805 OMR7805NH OMR7805NM OM |
FIXED POSITIVE REGULATOR, CDSO3 300 kRAD RADIATION TOLERANT 1.5AMP POSITIVE FIXED VOLTAGE REGULATORS 300辐射容错1.5amp积极的固定电压调节器 300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS 300 kRAD辐射容错1.5放大器正,固定式电压调节 RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS 耐辐1.5放大器正固定电压调节 Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Rectifier List of Unclassifed Man...
|
74LVC32245A 74LVC32245AEC 74LVCH32245AEC 74LVCH322 |
32-bit bus transceiver with direction pin;5-volt tolerant(3-State)(具有定向引脚V输入/输出容限32位总线收发器(三态)) 32位总线收发器引脚方向,5伏耐(3态)(具有定向引脚的5V的输输出容限32位总线收发器(三态) 32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCXR2245 74LCXR2245WM 74LCXR2245SJ 74LCXR2245MTC |
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26?Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26?/a> Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26з Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistors on Both A and B Ports Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 Single 8-bit Bus Transceiver Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26 Series Resistors on Both A and B Ports
|
Fairchild Semiconductor Corporation
|
IDT74LVC574A 74LVC574A_DS_31950 IDT74LVC574ASO IDT |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
74ALVCF322835 74ALVCF322835G 74ALVCF322835GX |
BUFFER/DRIVER|DUAL|18-BIT|AVC/ALVC-CMOS|BGA|114PIN|PLASTIC ALVC/VCX/A SERIES, DUAL 18-BIT DRIVER, TRUE OUTPUT, PBGA114 Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26з Series Resistors in Outputs 低电6位通用总线输出.6V的容错和26з电阻的输出驱动器系列 Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC74LCX540F TC74LCX540FT TC74LCX540FW E005007 |
From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE OCTAL BUS BUFFER (INVERTER) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
74LVCH245APW 74LVC245A 74LVC245ABQ 74LVC245AD 74LV |
74LVC245A/74LVCH245A; Octal bus transceiver with direction pin with 5 V tolerant inputs/outputs (3-state) Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|