PART |
Description |
Maker |
34854 2-34854-1 |
TERMINAL, RING TONGUE, PLASTI-GRIP 终端,环舌,PLASTI
|
Electronic Theatre Controls, Inc.
|
34856 34856-2 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
Tyco Electronics
|
2-34141-1 8-34141-1 |
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE: 22-16 AWG
|
Tyco Electronics
|
68207-1 68208-1 1-307275-7 1-307275-5 1-307275-0 6 |
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
|
TE Connectivity Ltd
|
0877156006 87715-6006 |
1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76μm (30μ) Gold (Au) Plating, with Plastic Pegs, 1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76楼矛m (30楼矛") Gold (Au) Plating, with Plasti
|
Molex Electronics Ltd.
|
0877159305 |
1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs 1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38楼矛m (15楼矛) Gold (Au) Plating, with Plasti
|
Molex Electronics Ltd.
|
47505-4305 0475054305 |
1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38渭m (15渭") Gold (Au) Plating, with Plasti 1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs
|
Molex Electronics Ltd.
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
|