PART |
Description |
Maker |
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
FDC6420 FDC6420C FDC6420CD84Z |
20V N & P-Channel PowerTrench MOSFETs 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
IXTL2X240N055T |
140 A, 55 V, 0.0044 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET ISOPLUS, I5PAC-5 N-Channel Enhancement Mode Avalanche Rated
|
IXYS Corporation
|
ADG508ABCHIPS ADG508AKRZ ADG509AKPZ ADG509AKRZ ADG |
CMOS 8-Channel Analog Multiplexer; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Industrial 8-CHANNEL, SGL ENDED MULTIPLEXER, UUC16 CMOS 4-/8-Channel Analog Multiplexers 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC20 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BA3506AF-DXT1 BA3420AL-DX BA3410AF-DXE1 BA5412-DX |
0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 2 CHANNEL, AUDIO PREAMPLIFIER, PZIP18 1 CHANNEL, AUDIO PREAMPLIFIER, PDSO16 2 CHANNEL, AUDIO AMPLIFIER, PSIP12 PLL FREQUENCY SYNTHESIZER, 130 MHz, PDSO20 1 CHANNEL, AUDIO PREAMPLIFIER, PSIP7 5 W, 2 CHANNEL, AUDIO AMPLIFIER, PSIP12
|
|
SIZ790DT-T1-GE3 |
Dual N-Channel 30 V (D-S) MOSFETs with Schottky Diode 16 A, 30 V, 0.0093 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
|