PART |
Description |
Maker |
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
CPMC-TNC-13 |
TNC Straight Crimp Type Plug - Solder or Crimp Contact - 3 Piece
|
ETC[ETC]
|
CPMC-TNC-13 |
TNC Straight Crimp Type Plug - Solder or Crimp Contact - 3 Piece
|
Electronic Theatre Controls, Inc.
|
G125-FC21605L0-0150 G125-FC21605L0-0300 G125-FC416 |
G125 SERIES FEMALE CRIMP TO MALE CRIMP CABLE ASSY
|
Harwin Plc
|
PE45154 |
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
|
Pasternack Enterprises,...
|
0638941200 |
Mini-Mac Applicator for Flat Blade Crimp Terminals, 20 AWG Double Crimp
|
Molex Electronics Ltd.
|
09-76-1020 |
KK3.96/7.92 CRIMP REC HSG 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
CPL-259-1 |
UHF Straight Crimp Type Plug -Crimp Contact
|
ETC[ETC]
|
261-910-0630G |
RDM CRIMP/ CRIMP RECEPTCLE WITH CAPIVER CENTER CONTACT
|
Winchester Electronics ...
|
411-18527 5-0744014-7 |
This ERGOCRIMP Die is suitable to crimp the following crimp contacts
|
TE Connectivity Ltd
|
M30-1100900 |
1.25mm Pitch SIL Female Crimp Housing, 9-way 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
|