PART |
Description |
Maker |
74272141 |
WE-FLAT Flat Ferrite Core
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
AD80081X AD9882 AD9882/PCB AD9882KST-100 AD9882-15 |
Low Cost, Dual Interface Solution For Flat Panel Displays Dual Interface for Flat Panel Displays 双接口的平板显示 Dual Interface for Flat Panel Displays SPECIALTY CONSUMER CIRCUIT, PQFP100
|
Analog Devices, Inc.
|
SECU1401C-S SECU1401C-TG SECU1701C SECU1901C-S SEC |
3.0 ? 1.5 Surface Mount LEDs (Flat Lens Type) 3.0 × 1.5 Surface Mount LEDs (Flat Lens Type) 3x1.5 Surface Mount LED (Flat Lens) SINGLE COLOR LED, DEEP GREEN, 2 mm
|
Sanken electric
|
PS11013 |
Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|
PS11011 |
Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|
RK73H1ET1003D RK73H1ET1003F RK73H1ETDD1003D RK73H1 |
FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE 扁平芯片电阻精度1 FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. KOA ETC[ETC] List of Unclassifed Manufacturers
|
TLSH510 TLSG510 TLS_510_ TLSY510 |
Symbol LED/ 2.5 x 5 mm Flat Tinted Top-Diffused Package Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package From old datasheet system
|
Vishay Telefunken VISAY[Vishay Siliconix]
|
MAX6410 MAX6407 MAX6406 MAX6408 MAX6409BS45-T MAX6 |
Voltage Detectors in 4-Bump (2 x 2) Chip-Scale Package VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Round Conductor Flat Cable, 3754/50 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/20 30 AWG, .025 (0.64) Low-Capacitance 3-Channel /-15KV ESD-Protection Array for High-Speed Data Interfaces 5-SOT -40 to 85 Round Conductor Flat Cable, 3754/68 30 AWG, .025 (0.64) 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 24-BGA MICROSTAR JUNIOR -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NTMFS4122N NTMFS4122NT1G NTMFS4122NT3G |
Power MOSFET 30 V, 23 A, Single N-Channel SO-8 Flat Lead; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 5000 Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead Power MOSFET 30 V, 23 A, Single N-Channel SO-8 Flat Lead; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 1500 9100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
TM20P-66P TM20P-88P TM8P-88P TM4P-44P TM4P-66P TM1 |
CONNECTOR ACCESSORY 连接器附 MODULAR CONNECTORS(Plug for copper foil, stranded wire flat type cable) 模块化连接器铜箔(插头,绞线扁平型电缆) MODULAR CONNECTORS(Plug for copper foil/ stranded wire flat type cable)
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
LD-201 LD-2.1 |
Flat displays
|
ROHM[Rohm]
|