PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
PP0640SA PP0640SB |
Thyristor, Thyristor, 58V Forward Blocking Voltage, 1A On-State Current, 150mA Holding Current, 1420A RMS Current BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
|
Protek Devices
|
X40030S14-A X40030S14-B X40031S14-A X40031S14-B X4 |
THYRISTOR/DIODE MODULE, 50A 1400VTHYRISTOR/DIODE MODULE, 50A 1400V; Voltage, Vrrm:1400V; Current, It av:50A; Case style:SEMIPACK 1; Current, It rms:95A; Current, Itsm:1500A; Voltage, Vgt:3V; Current, Igt:150mA; Centres, fixing:80mm; Triple Voltage Monitor with Intergrated CPU Supervisor
|
Intersil Corporation
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
TS5204CY50 TS5204 TS5204CX TS5204CX1.8 TS5204CX18 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 150mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] http://
|
LTC1206CN8 LT1395 LT1210 LT1206CT7 LT120611 LT1207 |
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current diode
|
Linear Technology 3M Electronics
|
XL6013 XL6013E1 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
List of Unclassifed Man...
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|