PART |
Description |
Maker |
UPG2163T5N-E2-A UPG2163T5N-09 |
GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
|
Renesas Electronics Corporation California Eastern Labs
|
14-56-4061 0014564061 |
2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 24, 0.76μm (30μ) Gold (Au), 6 Circuits 2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 24, 0.76楼矛m (30楼矛") Gold (Au), 6 Circui
|
Molex Electronics Ltd.
|
MM-B2500-R960-101 36718-0003 MMB2500R960-101 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R, Female, Right Angle,Through Hole, 0.6μm (24μ) Selective Gold (Au), PC Tail Length 3.00mm (.118), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Female, Right Angle,Through Hole, 0.6渭m (24渭") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 96 Circui
|
Molex Electronics Ltd.
|
MMB1502R960-263 MM-B1502-R960 36718-0007 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circui 2.54mm (.100) Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au), PC Tail Length 4.50mm (.177), 96 Circuits
|
Molex Electronics Ltd.
|
15-91-2105 0015912105 A-70634-0044 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 10 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 10 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 10 Circui
|
Molex Electronics Ltd.
|
15-91-2115 0015912115 70634-0045 A-70634-0045 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 11 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 11 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 11 Circui
|
Molex Electronics Ltd.
|
15-91-2125 0015912125 70634-0046 A-70634-0046 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circui
|
Molex Electronics Ltd.
|
15-91-2155 0015912155 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circui
|
Molex Electronics Ltd.
|
|