PART |
Description |
Maker |
CPH6519 |
NPN NPN NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier, Driver Applications
|
Sanyo Semicon Device
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SD389A 2SD389AQ 2SD389P 2SD601 2SD601AR 2SD601AS |
Si NPN epitaxial planar. General amplifier. Si NPN DIFFUSED JUNCTION MESA 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 Si NPN diffused juction mesa. Medium power amplifier.
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PEMH15115 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
2N6724 2N6725 2N6724STOA 2N6724STOB 2N6724STZ |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Darlington Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
UPA804TC UPA804 UPA804TC-T1 PA804TC |
NPN Epitaxial Transisitor(NPN澶?欢?朵?绠? NPN Epitaxial Transisitor(NPN外延晶体 NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
|
NEC Corp. NEC[NEC]
|