PART |
Description |
Maker |
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
3G3MV-A2022 3G3MV-A2002 3G3MV-A2004 3G3MV-A2015 3G |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit INVERTER 3 PHASE 2.2KW 415VAC INVERTER 1 PHASE 0.25KW INVERTER 1 PHASE 2.2KW INVERTER 3 PHASE 3KW 415VAC INVERTER 3 PHASE 4KW 415VAC 逆变器一.1KW 逆变器单.5千瓦
|
复位半导
|
DFA150AA160 DFA150AA80 |
THREE PHASE DIODES THYRISTORS THREE PHASE DIODE THYRISTOR THREE PHASE DIODETHYRISTOR
|
SANREX[SanRex Corporation] ETC
|
CHL8326 CHL8326-00CRT CHL8326-00CRTY CHL8328-XXCRT |
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller Overclocking & Gaming Mode with Vmax setting
|
International Rectifier
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
TDR-480-24 |
THREE-PHASE 340~550VAC WIDE RANGE UNPUT(DUAL PHASE OPERATION POSSIBLE)
|
Mean Well Enterprises C...
|
QRE2412001 |
3 Phase Diode Bridge Module 120 Amp/Phase Up to 2400 Volts
|
Powerex Power Semiconductors
|
CM20MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
FVDT FVDT-030B FVDT-030X FVDT-400W FVDT-660W FVDT- |
FVDT 3-Phase for Frequency Converters without Neutral (up to 150A) Three Phase Double Stage
|
PREMO CORPORATION S.L
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
VUI30-12N1 |
3-Phase PFC Modules Rectifier Module for Three Phase Power Factor Correction From old datasheet system
|
IXYS[IXYS Corporation]
|