PART |
Description |
Maker |
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
AD723-EVAL AD723ARU-REEL AD723ARU-EVAL AD723 |
2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch .01 MF 3500V 20% Z5U CERAMIC CAP RADIAL 2.7 V.5 V RGB-to-NTSC/PAL编码器检测并输入终端负载开 2.7-5.5V; 800mW; RGB-to-NTSC/PAL encoder with load detect and input termination switch. For TV out for personal computers/laptops, digital cameras, set-top boxer, video games and internet appliances
|
Analog Devices, Inc.
|
M34C02 M34C02BN M34C02DW M34C02-LBN6T M34C02-LDW6T |
2 Kbit Serial I2C Bus EEPROM For DIMM Serial Presence Detect 2 Kbit Serial I?C Bus EEPROM For DIMM Serial Presence Detect 2 Kbit Serial IC Bus EEPROM For DIMM Serial Presence Detect 2千位串行IC总线的EEPROM内存串行存在检
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IR3088 IR3088M IR3088MTR |
XPHASE IC with Fault and Overtemp Detect
|
International Rectifier
|
MDS001 MDS002 MDS003 MDS005 MDS006 MDS007 |
Micro Snap-acting Detect Switches
|
ITT Industries
|
BCS8R005F BCS8 BCS8R001F BCS8R002F BCS8R003F BCS8R |
8W CURRENT DETECT CHIP RESISTORS 8瓦特电流检测贴片电
|
BI Technologies, Corp. BI Technologies Corporation BITECH[Bi technologies]
|
MDS6500AL02PL MDS6500AL02PS |
Micro Snap-acting Detect Switches
|
C&K Components
|
DS28EA00U_T DS28EA00 DS28EA00U_ |
1-Wire Digital Thermometer with Sequence Detect and PIO
|
DALLAS[Dallas Semiconductor]
|
HDT0001 |
Micro Mini Surface Mount Detect Switches
|
ITT[ITT Industries]
|