PART |
Description |
Maker |
MDBL054 |
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
|
Jinan Gude Electronic D... JGD[Jinan Gude Electronic Device]
|
1N3957 |
(1N3611 - 1N3957) VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLAS RECTIFIERS
|
Microsemi Corporation
|
ICL7665S06 ICL7665SAIBAZA ICL7665SAIPAZ ICL7665SIB |
CMOS Micropower Over/Under Voltage Detector; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation]
|
HIP600605 HIP6006CB-T HIP6006CBZ HIP6006CBZ-T HIP6 |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL[Intersil Corporation]
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
ZL2005PALPFT ZL2005PALPFT1 |
Digital-DC™ Controller with Drivers and POLA/DOSA Trim Description; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC36
|
Intersil, Corp.
|
PA10A |
Linear Op-Amp, 90V, 5A "Select" Grade RoHS Compliant: Yes OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CBFM8
|
Cirrus Logic, Inc.
|
MC74LCX16244DTR2 MC74LCX16244DTG |
Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
ON Semiconductor
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|