PART |
Description |
Maker |
PALLV16V8-10SC PALLV16V8-10PC PALLV16V8-10JC |
EE PLD, 12 ns, PDSO20 PLASTIC, SOP-20 EE PLD, 12 ns, PDIP20 PLASTIC, DIP-20 EE PLD, 12 ns, PQCC20 PLASTIC, LCC-20
|
Advanced Micro Devices, Inc.
|
BGA-320P-M06 |
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
|
Fujitsu Limited
|
2SD2142 |
NPN Plastic Plastic-Encapsulate Transistor
|
SeCoS Halbleitertechnologie GmbH
|
138D806X9125K2E3 D905X0125F2E3 138D826X0050T2E3 13 |
CAP 80UF 125VDC 10% 10.31 X 30.91MM AXL PLASTIC - Trays CAP 9UF 125VDC 20% 7.92 X 20.22MM AXL PLASTIC - Trays 138D Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal CAP 55UF 50VDC 10% 9.53 X 19.46MM AXL PLASTIC - Trays CAP 55UF 50VDC 10% 10.31 X 23.4MM AXL PLASTIC - Trays
|
Vishay Sprague
|
24C02C_SN 24C02C-I/P 24C02C-I/SN 24C02C-I/ST 24C02 |
SERIAL EEPROM|256X8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 256X8 |的CMOS | TSSOP封装| 8引脚|塑料 Soft Microcontroller Module SERIAL EEPROM|256X8|CMOS|DIP|8PIN|PLASTIC SERIAL EEPROM|256X8|CMOS|SOP|8PIN|PLASTIC EconoRAM SERIALEEPROM|256X8|CMOS|SOP|8PIN|PLASTIC
|
Microchip Technology, Inc.
|
BT8510EPJC BT8510 BT8510EPJ BT8510EPJB |
68-pin Plastic Leaded Chip Carrier (PLCC) PCM TRANSCEIVER,SINGLE,CEPT PCM-30/E-1,CMOS,LDCC,68PIN,PLASTIC
|
ETC Conexant Systems Inc
|
24C00-I/P 24C00T-I/OT 24C00T-I/ST 24C00T-E/SN 24C0 |
SERIAL EEPROM|16X8|CMOS|DIP|8PIN|PLASTIC SERIAL EEPROM|16X8|CMOS|SOP|8PIN|PLASTIC T1/CEPT Jitter Attenuator Serial Number iButton High-Precision Li Battery Monitor with Alerts SERIAL EEPROM|16X8|CMOS|TSOP|6PIN|PLASTIC 串行EEPROM的| 16X8 |的CMOS |的TSOP | 6针|塑料 SERIAL EEPROM|16X8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 16X8 |的CMOS | TSSOP封装| 8引脚|塑料
|
Microchip Technology, Inc.
|
GAL20V8S-20EC1J GAL20V8S-20EB1 |
EE PLD, 20 ns, PQCC28 PLASTIC, LCC-28 EE PLD, 20 ns, PDIP24 PLASTIC, DIP-24
|
ST Microelectronics
|
AT89LP52-20AU AT89LP52-20JU AT89LP51 AT89LP51-20AU |
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44
|
ATMEL Corporation Atmel, Corp.
|
AGP15-800HE3/54 AGP15-400HE3/54 AGP15-600HE3/54 AG |
1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN Glass Passivated Junction Plastic Controlled Avalanche Rectifier
|
Vishay Beyschlag Vishay Siliconix
|
62684-451100HLF 62684-322100ALF 62684-362100 62684 |
PLASTIC TAPE PACKAGED PLASTIC TAPE PACKAGED0.5MM CONTACT SPACING CONNECTOR THIS PRODUCT IS THE CONNECTOR USED FOR FPC/FFC AND COPES WITH AUTOMATIC MOUTING(SMT)
|
FCI connector
|
|