PART |
Description |
Maker |
TLN210 TLN210F |
INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
|
Toshiba Corporation Toshiba Semiconductor
|
IS440F IS440 |
OPIC LIGHT DETECTOR WITH BUILT IN SIGNAL PROCESS-ING CURCUIT FOR LIGHT MODULATION SYSTEM
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
TLN208 |
LED LAMP GaAlAs INFRARED EMITTER INFRARED LIGHT - EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
|
Toshiba Semiconductor Toshiba Corporation
|
A-2304X A-1804X A-1804E A-2304E A-1804SR A-1804Y |
Light bar yellow Light bar hi.effi red Light bar super red
|
List of Unclassifed Manufacturers PARA Light ETC[ETC] Electronic Theatre Controls, Inc.
|
L7820-02 |
Light level control of light source Sensitivity control of optical sensor
|
Hamamatsu Corporation
|
EVQPPHA25 EVQ-PPBA25 EVQPPDA25 EVQPPRA25 EVQPPBA25 |
6.0 mm3.5 mm Square Thin type Light Touch Switches for Refl ow Sol der ing Light Touch Switches/EVQPP
|
Panasonic Semiconductor
|
MTLB4135-HR MTLB4135-O MTLB7135-UR MTLB2135-G MTLB |
0.35 Light Bar 0.35光条 Marktech 0.35 Light Bar LEDs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
S4289-61 |
Light modulation photo IC Asynchronous type light modulation
|
Hamamatsu Corporation
|
B-3034E-CA B-3514Y-CA B-3034Y-CA |
Light bar hi.effi red Light bar yellow
|
PARA Light
|
LIC01-215B-TR LIC01 6447 LIC01-195H LIC01-215B LIC |
230 V, SILICON SURGE PROTECTOR LIGHT IGNITION CIRCUIT From old datasheet system LIGHT IGNITION CIRCUIT
|
STMicroelectronics ST Microelectronics
|
EVQPF103M EVQPF308K EVQPF003M EVQPF203M EVQPF204R |
5N Type Side-operational Light Touch Switches 5N Type Light Touch Switches KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 3.2 N, THROUGH HOLE-RIGHT ANGLE
|
Panasonic Semiconductor Panasonic, Corp. PANASONIC CORP
|