PART |
Description |
Maker |
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
2SC4095 2SC4095-T1 2SC4095R 2SC4095R-T2 2SC4095R-T |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
|
NEC[NEC]
|
M5238AFP M5238AL M5238AP M5238P M5238FP |
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 双路低噪声J - FET输入运算放大 DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS CRYSTAL 30.000 MHZ 10PF SMD 双低噪声JFET输入运算放大 Dual Low Noise J-Fet Input Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
2SC5434 2SC5434-T1 |
Reduced noise high frequency amplification transistor NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
UPA811T-T1 UPA811 UPA811T PA811T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
TL071M TL071I TL071C TL071B TL071_01 TL071A TL071A |
LOW NOISE SINGLE JFET OP-AMPS LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RT9178 |
SHDN/BP. Ultra Low-Noise. FTR 200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
|
RICHTEK
|