PART |
Description |
Maker |
C3D04060E |
4 A, 600 V, SILICON CARBIDE, RECTIFIER DIODE, TO-252 TO-252, 3 PIN
|
Cree, Inc.
|
SUD50P06-15L |
50 A, 60 V, 0.015 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 TO-252, 3 PIN
|
Vishay Intertechnology, Inc.
|
SUR50N03-06P-T4-E3 |
27 A, 30 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 TO-252, DPAK-3
|
Vishay Intertechnology, Inc.
|
FQD13N10LTF |
100V N-Channel Logic Level QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 10 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
FQD7N20LTF |
200V N-Channel Logic Level QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 5.5 A, 200 V, 0.78 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
2SB1202 2SD1802 2SD1802T 2SD1802U 2SB1202T |
High-Current Switching Applications TRANSISTOR,BJT,NPN,50V V(BR)CEO,3A I(C),TO-252 TRANSISTOR,BJT,PNP,50V V(BR)CEO,3A I(C),TO-252 From old datasheet system TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 3A I(C) | TO-252 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp
|
KSH117TF KSH117ITU |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-251 IPAK-3
|
Fairchild Semiconductor, Corp.
|
STGD3NB60H 6592 |
N-CHANNEL 3A - 600V TO-252 PowerMESH IGBT N-CHANNEL 3A - 600V TO-252 PowerMESH IGBT From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TO-252 |
TO-252 (MP-3Z) 252(型号:MP - 3Z
|
Electronic Theatre Controls, Inc.
|
TO-252 |
TO-252 (MP-3Z)
|
Unknow ETC
|
CJU05N60B |
TO-252-2L Plastic-Encapsulate MOSFETS
|
TY Semiconductor Co., Ltd
|
|