PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SD389A 2SD389AQ 2SD389P 2SD601 2SD601AR 2SD601AS |
Si NPN epitaxial planar. General amplifier. Si NPN DIFFUSED JUNCTION MESA 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 Si NPN diffused juction mesa. Medium power amplifier.
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|