PART |
Description |
Maker |
IRG4CC50WB |
IGBT Die in Wafer Form 600 V Size 5 WARP Speed IRG4CC50WB IGBT Die in Wafer Form
|
Hittite Microwave Corporation International Rectifier
|
2-1419136-2 RMC05060 |
Power Relay RM C/D 1 pole 30/32 A, 1 form X, double make, NO or 1 form Z, double make double break, NO NC
|
Tyco Electronics List of Unclassifed Manufacturers
|
AQY414SZ AQY14 AQY410SX AQY410SZ AQY414SX |
GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type 顾(一般使用)型SOP系列1 -频道(表B引脚 PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 400 V, load current 100 mA. PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 350 V, load current 120 mA.
|
Nais(Matsushita Electri... Panasonic, Corp. NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
PVR2300 PVR3301 PVR3300 PVR33 |
Microelectronic Power IC 300V 2 Form A Photo Voltaic Relay in a 16-pin DIP Package 200V 2 Form A Photo Voltaic Relay in a 16-pin DIP Package TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
IRF[International Rectifier]
|
HG2-AC115V HG2-AC240V HG2-AC220V HG2-DC110V HG2-DC |
HG-relay. 20 Amp power relay. AC type. 2 form C. Nominal coil voltage 115 V DC. HG-relay. 20 Amp power relay. AC type. 2 form C. Nominal coil voltage 240 V DC. HG-relay. 20 Amp power relay. AC type. 2 form C. Nominal coil voltage 220 V DC. HG-relay. 20 Amp power relay. DC type. 2 form C. Nominal coil voltage 110 V DC. HG-relay. 20 Amp power relay. DC type. 2 form C. Nominal coil voltage 200 V DC. HG-relay. 20 Amp power relay. AC type. 3 form C. Nominal coil voltage 220 V DC. HG-relay. 20 Amp power relay. AC type. 3 form C. Nominal coil voltage 240 V DC. HG-relay. 20 Amp power relay. DC type. 3 form C. Nominal coil voltage 110 V DC. HG-relay. 20 Amp power relay. DC type. 3 form C. Nominal coil voltage 200 V DC. HG-relay. 20 Amp power relay. AC type. 3 form C. Nominal coil voltage 115 V DC. HG-relay. 20 Amp power relay. AC type. 4 form C. Nominal coil voltage 115 V DC. HG-relay. 20 Amp power relay. DC type. 4 form C. Nominal coil voltage 200 V DC. HG-relay. 20 Amp power relay. DC type. 4 form C. Nominal coil voltage 110 V DC. HG-relay. 20 Amp power relay. AC type. 4 form C. Nominal coil voltage 240 V DC. HG-relay. 20 Amp power relay. AC type. 4 form C. Nominal coil voltage 220 V DC.
|
Matsushita Electric Works(Nais)
|
V23818-M305-B57 2.125AND1.0625GBDLCSFP |
Transceivers by Form-factor MSA - SFP - Multimode 850nm VCSEL; 2.125 and 1.0625 Gbit/s FC; 1.25 GBE TRX with LC-Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC Connector
|
Infineon Technologies AG
|
DSP1-DC9V DSP1-L2-DC3V DSP1-L2-DC9V DSP1-DC24-R-F |
Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.033A (COIL), 9VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching POWER/SIGNAL RELAY, DPST, LATCHED, 0.1A (COIL), 3VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching POWER/SIGNAL RELAY, DPST, LATCHED, 0.033A (COIL), 9VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.013A (COIL), 24VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Panasonic, Corp. PANASONIC CORP
|
PVN013 PVN013S |
20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package 20V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package
|
International Rectifier
|
|