Part Number Hot Search : 
H3AA009V SA7026DH HER30 T12N10G SI7705DN 78L06 AD1385 B3060
Product Description
Full Text Search

S8050 -    SOT-23 Plastic-Encapsulate Transistors

S8050_8832567.PDF Datasheet

 
Part No. S8050
Description    SOT-23 Plastic-Encapsulate Transistors

File Size 2,033.35K  /  4 Page  

Maker

Jiangsu High diode Semi...



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: S8050
Maker:
Pack: TO-92
Stock: Reserved
Unit price for :
    50: $0.01
  100: $0.01
1000: $0.01

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ S8050 Datasheet PDF Downlaod from Datasheet.HK ]
[S8050 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for S8050 ]

[ Price & Availability of S8050 by FindChips.com ]

 Full text search :    SOT-23 Plastic-Encapsulate Transistors


 Related Part Number
PART Description Maker
71349-1051 2.54mm (.100") Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, Shrouded,38 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, without Press-fit Plast
Molex Electronics Ltd.
G13-00J G20-00A SWITCH SNAP PLAST SPDT .1A QC
SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 3.3mm, PANEL MOUNT
THE CHERRY CORP
3310H-125-102 3310C-001-102 3310H-025-503 3310H-02 POT 2K OHM 9MM SQ RTANG PLAST RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.25 W, 2000 ohm
Square Sealed Panel Control RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.25 W, 10000 ohm
Bourns Inc.
Bourns, Inc.
0877159308 1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs,
1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, 0.38楼矛m (15楼矛") Gold (Au) Plating, with Plast
Molex Electronics Ltd.
ASM3P623S00FG-16-TT ASM3I623S00AF-08-SR ASM3I623S0    Zero Cycle Slip Peak EMI reduction IC
HDWR,HEATSINK FOR D2-PAK/TO-263, SMD
Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
PS EXT MED 10.2W 12V @ 0.85A 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
PS EXT MED 10.2W 12V @ 0.85A 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
Flat / Ribbon Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Approval Bodies:UL RoHS Compliant: Yes
TOOL POSITIONER FOR 616336
TOOL INSERT PLIER MILITARY PT
Dust Cover; For Use With:Anderson Power SB175 Series Connectors; Color:Red
Dust Cover; For Use With:Anderson Power SB50 Series Connectors; Color:Red
TOOL EXTRACTION #4 CONTACT PLAST
PWR SPLY EXT MED 10W 9V @ 1.1A
SHIELDED RIBBON CABLE, TWIST N FLAT, 1.27MM TWISTED PAIR, 28AWG, PVC
PWR SPLY EXT MED 10W 5V @ 2A
Alliance Semiconductor, Corp.
时钟及定
ALSC[Alliance Semiconductor Corporation]
http://
Alliance Semiconductor ...
8XC52 8XC54 8XC58 87C51FB 80C51FA 80C32 83C52 87C5 8-bit CMOS (low voltage, low power and high speed) microcontroller families
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PDIP40
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQFP44
N-CHANNEL SILICON JUNCTION FET TO72 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫
N-CHANNEL SILICON JUNCTION FET TO52 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫
XLR Style Audio Connector; Mounting Type:In-Line; Gender:Male-Female Adapter; Approval Bodies:CE; Body Material:Brass; Series:F 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫
80C51 8-bit microcontroller family 80C51位单片机系列
Shelf; External Width:19"; Color:Metallic Gray; Keyboard Width Max:16.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫
Shelf; External Width:23"; Color:Black; Keyboard Width Max:20.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQCC44
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44
POT 2K OHM 9MM SQ RTANG PLAST 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PDIP40
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQFP44
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQCC44
Molded Enclosure, NEMA 4X /UL/IEC Plastic Box, Outdoor, Style B, Plastic Hinge with Snap Action Latch, 27.56 inch Height, 19.67 inch Width, 9.53 inch Depth
NEMA BOX B, INDOOR SOLID
NEMA BOX B, INDOOR CLEAR
POT 100K OHM 9MM SQ PLASTIC
DUAL LOW-LEAKAGE PICO AMP DIODE TO72
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz
80C51 8-bit microcontroller family 8XC51FA/FB/FC/80C51FA8XC51RA /RB /RC /RD /80C51RA 8K 4K/256K OTP/ROM/ROMless,low voltage, low power, high speed (33 MHz)(80C51 8位微控制器系列产
80C51 8-Bit Microcontroller Family (8K ROM,Low Voltage (2.7V-5.5V), Low Power, High Speed (33 MHz) )(80C51 8位微控制器系列产
http://
NXP Semiconductors N.V.
Philips Semiconductors
 
 Related keyword From Full Text Search System
S8050 Register S8050 array S8050 Corporation S8050 Silicon S8050 MUX HCSL
S8050 Drain S8050 suply voltase IC S8050 siemens S8050 Untuk apa ic S8050 siemens
 

 

Price & Availability of S8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55215406417847