Part Number Hot Search : 
VCO190 74LS24 4N65F BR1300 1048235 BR1300 MSS1P3U MSS1P3U
Product Description
Full Text Search

PZ5064-7A68 - 7.5ns; V(dd): -0.5 to 7.0V; 64 macrocell CPLD

PZ5064-7A68_8844318.PDF Datasheet


 Full text search : 7.5ns; V(dd): -0.5 to 7.0V; 64 macrocell CPLD


 Related Part Number
PART Description Maker
HY64LD16322M-DF85I HY64LD16322M-DF85E PSEUDO-STATIC RAM|2MX16|CMOS|BGA|48PIN|PLASTIC
x16|2.5(VDD)2.5(VDDQ)V|85|Pseudo SRAM - 32M x16 | 2.5(VDD)在2.5(提供VDDQ)V | 85 |伪静态存储器- 32M
Hynix Semiconductor, Inc.
LT1712 LT1712IGN LT1712CGN LT1711CMS8 LT1711 LT171 Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO8
Dual 4.5ns Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16
Dual 4.5ns Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16
Dual, 4.5ns, 3V/5V/?V, Rail-to-Rail Comparator
Single/Dual 4.5ns, 3V/5V/V, Rail-to-Rail Comparators
Single/Dual 4.5ns, 3V/5V/±5V, Rail-to-Rail Comparators
Linear Technology, Corp.
LINER[Linear Technology]
GS8161Z32D-200I GS8161Z32D-166I GS8161Z32D-133I GS 6.5ns 200MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM
7ns 166MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM
8.5ns 133MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM
6ns 225MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM
5.5ns 250MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM
7.5ns 150MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM
7ns 166MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM
5.5ns 250MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM
8.5ns 133MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM
6.5ns 200MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM
5.5ns 225MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM
8.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
7.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
8.5ns 133MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
5.5ns 250MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
6ns 225MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
6.5ns 200MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
GSI Technology
PZ5064-7A68 7.5ns; V(dd): -0.5 to 7.0V; 64 macrocell CPLD
Philips
EM47EM3288SBA EM47EM3288SBA-125 EM47EM3288SBA-150 JEDEC Standard VDD/VDDQ
Eorex Corporation
M1346 VDD CONTROL RGB LED IC
MOSDESIGN SEMICONDUCTOR CORP
ETC[ETC]
EM47CM1688SBA-125 EM47CM1688SBA-150 EM47CM1688SBB JEDEC Standard VDD/VDDQ
Eorex Corporation
EM44CM1688LBB-3F EM44CM1688LBB-25F JEDEC Standard VDD/VDDQ
Eorex Corporation
M3764 VDD CONTROL ALARM SOUND
List of Unclassifed Manufacturers
ETC
SHENZHEN TIRO SEMICONDUCTOR
GS840F18AT-8.5 8.5ns 256K x 18 4Mb sync burst SRAM
GSI Technology
TDA9533 7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
 
 Related keyword From Full Text Search System
PZ5064-7A68 gate threshold PZ5064-7A68 bridge PZ5064-7A68 Amplifier PZ5064-7A68 circuit board PZ5064-7A68 Address
PZ5064-7A68 ram PZ5064-7A68 ascel PZ5064-7A68 Microcontroller PZ5064-7A68 电子元件中文资料网站 PZ5064-7A68 価格
 

 

Price & Availability of PZ5064-7A68

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.45106387138367