PART |
Description |
Maker |
NGTB25N120IHLW |
IGBT 1200V 25A FS1 Induction Heating
|
ON Semiconductor
|
NGTB15N120L |
IGBT 1200V 15A FS1 Gen Mkt
|
ON Semiconductor
|
GB10RF120K |
1200V 20A Low Vce Non Punch Through IGBT in a Econo2 PIM Package
|
International Rectifier
|
AM29841A/BKA AM29841A/B3A AM29843PC AM29843ALC AM2 |
600V Low-Vceon Copack IGBT in a TO-220 FullPak package; Similar to IRGIB7B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS10B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRG4BC15UD-L with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRGSL6B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL15B60KD with Lead Free Packaging 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package; Similar to IRG4PSH71UD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS6B60KD with Standard Packaging 600V Warp2 150kHz Copack IGBT in a TO-247AC package; A IRGP50B60PD1 with Standard Packaging 600V UltraFast Copack Trench IGBT in a TO-247AD package with Ultra-Low VF Diode for Induction Heating and Soft Switching Apps; A IRGP4068D-EPBF with Standard Packaging 600V HyperFast 1-8 kHz Co-Pack IGBT in a D2-Pak package; A IRG4BC30FD-S with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRG4BC15UD-L with Standard Packaging 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package; A IRGS4B60KD1 with Standard Packaging 1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AD package; Similar to IRG4PH40UD2-E with Lead Free Packaging 10位D型锁存器 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package; Similar to IRG4RC10KD with Lead Free Packaging 9位D型锁存器 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; A IRGB6B60KD with Standard Packaging 9位D型锁存器
|
Duracell TT electronics Semelab, Ltd. NXP Semiconductors N.V.
|
HGTG30N120CN HGTG30N120D2 |
30A/ 1200V N-Channel IGBT 30A, 1200V N-Channel IGBT 75A 1200V NPT Series N-Channel IGBT
|
INTERSIL[Intersil Corporation] http://
|
HGTG18N120BN FN4518 |
54 A, 1200 V, N-CHANNEL IGBT, TO-247 CAT6A RISER, YELLOW, SPOOBULK CABLE From old datasheet system 54A, 1200V, NPT Series N-Channel IGBT 54A/ 1200V/ NPT Series N-Channel IGBT
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
7MBP25RJ120 |
IGBT IPM R-series 1200V class 1200V / 25A 7 in one-package
|
Fuji Electric ETC[ETC] List of Unclassifed Manufacturers
|
6MBP75RJ120 |
IGBT IPM R-series 1200V class 1200V / 75A 6 in one-package
|
Fuji Electric ETC List of Unclassifed Manufacturers
|
20ETS12STRR 20ETS08 20ETS08S 20ETS08STRL 20ETS08ST |
INPUT RECTIFIER DIODE 1200V 20A Std. Recovery Diode in a D2-Pakpackage 1200V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package 20ETS12/20ETS12S 800V 20A Std. Recovery Diode in a D2-Pakpackage 800V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package From old datasheet system SURFACE MOUNTABLE INPUT RECTIFIER DIODE
|
InternationalRectifier IRF[International Rectifier]
|
3MBI150UC-120 |
1200V / 150A 3 in one-package 200 A, 1200 V, N-CHANNEL IGBT IGBT Module U-Series 1200V / 150A 3 in one-package
|
Fuji Electric Holdings Co., Ltd. Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
HGT1S1N120BNDS HGTP1N120BND HGT1S1N120BNDS9A |
5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(5.3A, 1200V,NPT系列N沟道绝缘栅双极型晶体管(带反并行超快速二极管 5.3 A, 1200 V, N-CHANNEL IGBT, TO-263AB 5.3A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|