PART |
Description |
Maker |
M29W200 M29W200BB M29W200BB120M1T M29W200BB120M6T |
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Low Voltage Single Supply Flash Memory
|
ST Microelectronics STMicroelectronics
|
M28R400C-ZBT M28R400CTB120ZB1T M28R400CTB120ZB6T M |
4 Mbit (256Kb x16/ Boot Block) 1.8V Supply Flash Memory 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory 4兆位56Kb的x16插槽,引导块.8V电源快闪记忆
|
ST Microelectronics 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
M295V400BT45M1T M295V400BT45M3T M295V400BT45M6T M2 |
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicroelectronics
|
M27W202 M27W202-100B6TR M27W202-100F6TR M27W202-10 |
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM 2兆位128KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Triple 3-Input Positive-AND Gates 14-SO 0 to 70 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M28R400C-ZBU M28R400CB120ZB1T M28R400CB120ZB1U M28 |
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M28R400CTB120ZB1T M28R400CTB120ZB6T M28R400CTB90ZB |
4 Mbit (256Kb x16/ Boot Block) 1.8V Supply Flash Memory 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W400DT45N1 M29W400DT45N6E M29W400DT55M1 M29W400 |
4 MBIT (512KB X8 OR 256KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M29F400BT M29F400BB |
4 Mbit 512Kb x8 or 256Kb x16 / Boot Block Single Supply Flash Memory
|
ST Microelectronics
|
M295V200BT45M1T M295V200BT45M3T M295V200BT45M6T M2 |
2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SST39LF016 SST39LF016-90-4I-EI SST39VF016-90-4I-EI |
(SST39VF080 / SST39VF016 / SST39LF080 / SST39LF016) 8 Mbit / 16 Mbit (x8) Multi-Purpose Flash 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays CONNECTOR ACCESSORY LED Light Bars D52 - BACKSHELL ENVIRON EMI-RFI STRT MIL 2M X 8 FLASH 2.7V PROM, 70 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 70 ns, PDSO40
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
M27W201 M27W201-100B6TR M27W201-100F6TR M27W201-10 |
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|