PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
V62C2802048LL-70T V62C2802048L-70T V62C2802048LL-8 |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:2mm; Sensor Output:PNP, NO; Switch Terminals:Wire Leads; Sensor Housing:Cylindrical RoHS Compliant: Yes
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
R1288A |
Linear Sensor Photodiode Array: 64x1 Sensor-Elements Organization; 200 Dots-Per-Inch (DPI) Sensor Pitch; High Linearity and Uniformity; Wide Dynamic PHOTOCULTIPLIER TUBE
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
TK11034 TK11034M TK11034MTL TK11034MTL_34C TK11034 |
TEMPERATURE SENSOR IC ANALOG TEMP SENSOR-VOLTAGE, 1.57-1.65V, RECTANGULAR, SURFACE MOUNT TEMPERATURE SENSOR IC 温度传感器IC
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
KM110BH KM110BH2430 KM110BH2470 |
30° and 70° angle sensor hybrids 30?and 70?angle sensor hybrids 30 and 70 angle sensor hybrids 30∑ and 70∑ angle sensor hybrids 30and 70angle sensor hybrids 30deg angle sensor hybrid.
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
RTD P0805-43-100R-G P0805-43-100R-D P0805-43-100R- |
Platinum Temperature Sensor RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT Platinum Temperature Sensor 白金温度传感
|
TT Electronics / Welwyn Welwyn Components, Ltd.
|
MK16-C-2 |
SENSOR MAGNETIC 15-20 A/T SMD PROXIMITY SENSOR-PHOTOELECTRIC, RECTANGULAR, SURFACE MOUNT
|
MEDER electronic
|
ISL29011IROZ-EVALZ ISL29011 ISL29011IROZ-T7 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
OPDK14P1901/S35A OPDK14P3901/S35A |
POSITION, LINEAR SENSOR-RETROREFLECTIVE, 11-11mm, 100mA, RECTANGULAR, BOARD MOUNT THROUGH BEAM SENSOR
|
ITT, Corp.
|
1GQ8001 |
PROXIMITY SENSOR-HALL EFFECT, 0.1-2mm, 0.40V, CYLINDRICAL SENSOR MOD GEAR TOOTH 1.5
|
HONEYWELL SENSING AND CONTROL
|
C9728DK-10 |
Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface 传感器盒式平板型X射线传感器的USB 2.0接口
|
Hamamatsu Photonics K.K.
|