PART |
Description |
Maker |
IRLR7821TRL |
Leaded 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
FDMA430NZ0609 FDMA430NZ |
Single N-Channel 2.5V Specified PowerTrench? MOSFET 30V, 5.0A, 40m?/a> Single N-Channel 2.5V Specified PowerTrench㈢ MOSFET 30V, 5.0A, 40mз
|
FAIRCHILD[Fairchild Semiconductor]
|
1N5468B 1N5466B 1N5475D 1N5475C 1N5462C 1N5463A 1N |
Diode VAR Cap Single 30V 22pF 2-Pin DO-7 Diode VAR Cap Single 30V 18pF 2-Pin DO-7 Diode VAR Cap Single 30V 82pF 2-Pin DO-7 Diode VAR Cap Single 30V 8.2pF 2-Pin DO-7 Diode VAR Cap Single 30V 10pF 2-Pin DO-7 Diode VAR Cap Single 30V 20pF 2-Pin DO-7 Diode VAR Cap Single 30V 100pF 2-Pin DO-7 Diode VAR Cap Single 30V 47pF 2-Pin DO-7 Diode VAR Cap Single 30V 6.8pF 2-Pin DO-7 Diode VAR Cap Single 30V 56pF 2-Pin DO-7
|
New Jersey Semiconductors
|
IRHNB8Z60 IRHNB3Z60 IRHNB4Z60 IRHNB7Z60 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 75A I(D) | SMT RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3) 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
FDD6680AS FDD6680AS08 |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench垄莽 SyncFET垄芒 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
HP4410DY FN4468 HP4410 HP4410DYT |
From old datasheet system 10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET 10A/ 30V/ 0.0135 Ohm/ Single N-Channel/ Logic Level Power MOSFET TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 30V V(BR)DSS | 10A I(D) | SO 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FDMA7672 |
Single N-Channel PowerTrench? MOSFET 30 V, 9 A, 21 mΩ 30V Single N-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
IRL7833 IRL7833S IRL7833L L7833S |
HEXFETPower MOSFET HEXFETPower MOSFET (IRL7833x) HEXFETPower MOSFET 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CD9011 CD9011D CD9011E CD9011F CD9011G CD9011H CD9 |
0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 29 - 273 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 29 - 44 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 40 - 59 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 54 - 80 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 72 - 108 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 97 - 146 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 132 - 198 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 182 - 273 hFE
|
Continental Device India Limited
|
IRL2203 IRL2203N IRL2203NPBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A?
|
International Rectifier
|
FDS6670AS08 FDS6670AS |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|